Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 111 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 111 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 107Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 111Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 112Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 113Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 114Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 115Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 116 page
background image
111
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Card Ejectors
• Saves time – no roll pin required
• Excellent for retrofit applications
• Material is nylon per ASTM D4066-82PA162F11
• Cost no more than conventional ejector/puller
• Rated at 222.5N (50 lbs.) / ejector force per pair
• One piece – no assembly required
• May be heat stamped
• Lever action releases card from its connector safely and quickly
• Cards, their components and connectors are less frequently damaged when extracting PC boards
• No special extraction tools are needed for board removal
• Material is nylon per ASTM D4066-82 PA120B4413F24, UL 94 V-O rated (natural color)
• Roll pins are provided (NAS 561-P3-4)
22.22
(0.875)
9.52
(0.375)
11.12
(0.438)
1.90
(0.075)
63.50
(2.500)
50.80
(2.000)
4.70
(0.185)
11.12
(0.438)
3.18
(0.125)
DIA TYP(2)
6.55
(0.258)
FIGURE A
5005-09NG PULLER *
31.75
(1.250)
11.10
(0.437)
7.14
(0.281)
Ø 2.46
(0.097)
7.24
(0.285)
1.57
(0.062)
14.27
(0.562)
FIGURE B
5005-08NG SLIM FACE/ FLAT
5021NG Ejector
FIGURE C
5005-25NG COMBINATION EJECTOR/PULLER
30.48
(1.200)
15.88
(0.625)
3.05
(0.120)
22.22
(1.875)
7.14
(0.281)
1.78
(0.070)
6.35
(0.250)
ø 2.36
(0.093)
0.51
(0.020)
7.24
(0.285)
0.89
(0.035)
2.67
(0.105)
31.75
(1.250)
21.26
(0.837)
7.14
(0.281)
13.97
(0.550)
17.02
(0.670)
2.49
(0.098)
Ø
Snap-On Ejectors / Pullers
Standard Ejectors / Pullers
FEATURES
FEATURES
ORDERING INFORMATION
Part number
Figure
5005-09NG
A
5005-08NG
B
5005-25NG
C
*No roll pins provided
ORDERING INFORMATION
Part number
5021NG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com