Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
33
MUTE MODES
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
Time (s)
Figure 24 Application and Release of Soft Mute
Figure 24 shows the application and release of SOFTMUTE for a full amplitude sinusoid being played
at 48kHz sampling rate. When SOFTMUTE (lower trace) is asserted, the WM8741 output (upper
trace) begins to decay exponentially from the DC level of the last input sample. The output decays
towards VMID in 1022x4/fs seconds. When SOFTMUTE is de-asserted, the signal gain will return to
its previous value.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
PCM Control
04h
3
SOFTMUTE
0
Soft mute select
0 = Normal operation
1 = Soft mute both channels
Table 31 Soft Mute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com