Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
29
LRCLK POLARITY
In left justified, right justified or I2S modes, the LRP register bit controls the polarity of LRCLK. If this
bit is set high, the expected polarity of LRCLK will be the opposite of that shown in Figure 14, Figure
15 and Figure 16. If this feature is used as a means of swapping the left and right channels, a 1
sample phase difference will be introduced.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
4
LRP
0
LRCLK polarity select:
0 = normal LRCLK polarity
1 = inverted LRCLK polarity
Table 17 LRCLK Polarity Control
In DSP modes, the LRP register bit is used to select between DSP mode A and B (see Figure 17 and
Figure 18).
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
4
LRP
0
DSP format select:
0 = DSP mode A
1 = DSP mode B
Table 18 DSP Format Control
BCLK / DSDCLK64 POLARITY
In PCM mode, LRCLK and DIN are sampled on the rising edge of BCLK by default, and should
ideally change on the falling edge. Data sources which change LRCLK and DIN on the rising edge of
BCLK can be supported by setting the BCP register bit. Setting BCP to 1 inverts the polarity of
BCLK to the inverse of that shown in Figure 14, Figure 15, Figure 16, Figure 17 and Figure 18.
In DSD mode, DSDL and DSDR inputs are sampled a fixed delay after a falling 64fs clock edge.
When BCP is set in DSD mode, DSDL and DSDR are sampled a fixed delay after a rising 64fs clock
edge.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
5
BCP
0
BCLK / DSD64CLK polarity select:
0 = normal polarity
1 = inverted polarity
Table 19 BCLK Polarity Control
OVERSAMPLING RATE CONTROL
The user has control of the oversampling ratio of the WM8741, and can set to the device to operate
in low, medium or high rate modes. For correct operation of the digital filtering and other processing
on the WM8741, the user must ensure the correct value of OSR[1:0] is set at all times.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Mode Control 1
07h
[6:5]
OSR[1:0]
00
Oversampling Rate Selection
00 = Low rate (32/44.1/48kHz)
01 = Medium rate (96kHz)
10 = High rate (192kHz)
11 = Unused
Table 20 Oversampling Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com