Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
28
Figure 23 Bi-phase DSD Mode Timing Diagram
SOFTWARE CONTROL MODE
Software control allows access to all features of the WM8741. Selection of control mode is achieved
by configuring the state of MODE/LRSEL (pin 24):
PIN
NAME
DESCRIPTION
24
MODE/
LRSEL
0 = Hardware control mode
1 = 3-wire serial control mode
Z = 2-wire serial control mode
Table 14 Control Mode Configuration
DSD AND PCM MODE SWITCHING
The audio interface mode can be switched between DSD and PCM by writing MODESEL[1:0] in R7.
It is recommended that the chip is forced into a MUTE state before dynamically switching modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Mode Control 1
07h
[1:0]
MODESEL
00
DSD/PCM mode select :
00 = PCM mode
01 = Direct DSD Operation
10 = DSD plus mode
11 = Unused
Table 15 PCM/DSD Software Mode Selection
PCM DIGITAL AUDIO INTERFACE CONTROL REGISTERS
The PCM digital audio input format is configured by register bits FMT [1:0] and IWL[1:0]:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
1:0
IWL[1:0]
10
Audio interface input word length
select
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit
3:2
FMT[1:0]
10
Audio interface input format select
00 = Right justified
01 = Left justified
10 = I2S
11 = DSP
Table 16 Interface Format Controls
Note:
1.
In all modes, the data is signed 2's complement. The WM8741 digital filters always
input 24-bit data. If the interface is programmed into 32 bits, dither is applied according
to Table 37 before truncation to the internal wordlength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com