Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
35
MUTEB
ZFLAG
DAC
DINL
DINR
ZDET
ANA
L&R
SOFT
L&R
DSD Direct
Infinite
Zero
Detect
Figure 25 Software Control Mode MUTEB and ZFLAG Configuration
DE-EMPHASIS
Setting the DEEMPH[1:0] register bits enables de-emphasis support in the WM8741 digital filters.
There are three de-emphasis filters, one each for sampling rates of 32kHz, 44.1kHz and 48kHz.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Filter Control
06h
[6:5] DEEMPH
[1:0]
00
De-emphasis mode select:
00 = De-emphasis Off
01 = De-emphasis 32kHz
10 = De-emphasis 44.1kHz
11 = De-emphasis 48kHz
Table 34 De-emphasis Control
OUTPUT PHASE REVERSAL
The REV register bit controls the phase of the output signal. Setting the REV bit causes the phase of
the output signal to be inverted.
Note: The REV bit can only be used in stereo mode. When in differential mono mode, the REV bit
must remain set as 0.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
6
REV
0
Analogue output phase control:
0 = Normal
1 = Inverted
Table 35 Output Phase Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com