Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
31
REGISTER
ADDRESS
BITS
LABEL
DEFAULT
DESCRIPTION
R0
DACLLSB
Attenuation
00h
[4:0]
LAT[4:0]
00 (0dB)
LSBs of attenuation data for left channel in 0.125dB steps. See
Table 25 for details.
5
UPDATE
0
Attenuation data load control for left channel.
0 = Store LAT[4:0] value but don’t update
1 = Store LAT[4:0] and update attenuation on registers 0-3
R1
DACLMSB
Attenuation
01h
[4:0]
LAT[9:5]
00 (0dB)
MSBs of attenuation data for left channel in 4dB steps. See Table
25 for details.
5
UPDATE
0
Attenuation data load control for left channel.
0 = Store LAT[9:5] value but don’t update
1 = Store LAT[9:5] and update attenuation on registers 0-3
R2
DACRLSB
Attenuation
02h
[4:0]
RAT[4:0]
00 (0dB)
LSBs of attenuation data for right channel in 0.125dB steps. See
Table 25 for details.
5
UPDATE
0
Attenuation data load control for right channel.
0 = Store RAT[4:0] value but don’t update
1 = Store RAT[4:0] and update attenuation on registers 0-3
R3
DACRMSB
Attenuation
03h
[4:0]
RAT[9:5]
00 (0dB)
MSBs of attenuation data for right channel in 4dB step. See Table
25 for details.
5
UPDATE
0
Attenuation data load control for right channel.
0 = Store RAT[9:5] value but don’t update
1 = Store RAT[9:5] and update attenuation on registers 0-3
Table 24 Attenuation Control
Note:
1.
The UPDATE bit is not latched. If UPDATE=0, the attenuation value will be written to the pre-latch but not applied to
the relevant DAC. If UPDATE=1, all pre-latched values and the current value being written will be applied on the next
input sample.
DAC OUTPUT ATTENUATION
Registers LAT[9:0] and RAT[9:0] control the left and right channel attenuation. Table 25 shows how
the attenuation levels are configured by the 10-bit words.
L/RAT[9:0]
ATTENUATION LEVEL
000(hex)
0dB
001(hex)
-0.125dB
:
:
:
:
:
:
3FE(hex)
-127.75dB
3FF(hex)
-
∞dB (mute)
Table 25 Attenuation Control Levels
ATTENUATION CONTROL MODE
Setting the ATC register bit causes the left channel attenuation settings to be applied to both left and
right channel DACs from the next audio input sample. No update to the attenuation registers is
required for ATC to take effect. Right channels register settings are preserved regardless of the
status of ATC.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
2
ATC
0
Attenuator Control Mode:
0 = Right channels use Right
attenuation
1 = Right Channels use Left
Attenuation
Table 26 Attenuator Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com