Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
38
It is recommended that the device is muted before the filter response is changed to prevent noise as
the filters are reset from appearing on the outputs.
Full details of these filters are described in Table 68 and Figure 60 to Figure 67.
DSD DIRECT DIGITAL FILTERS
The DSD Direct filters have been designed to provide the minimal of processing to the data with no
decimation, re-quantisation or noise-shaping, in order to preserve the signal integrity as much as
possible. As a result the filters have a wide bandwidth and a very gradual attenuation. It is
recommended that whichever DSD Direct filter is chosen it is augmented by analogue post-DAC
filtering in order to adhere to the Scarlet-Book SACD standard.
There are a total of four DSD Direct filter responses available, controlled by two register bits as
described in Table 41 below:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
Additional Control 1
20h
0
DSD_NO_
NOTCH
0
DSD Direct 8fs Notch Filter
0: Enable 8fs notch filter
1: Disable 8fs notch filter
1
DSD_
LEVEL
1
DSD Direct Filter Gain
0: High gain
1: Low gain
Table 41 DSD Direct Digital Filter Selection
DSD MUTE CONTROL
In DSD Direct mode, an analogue mute can be applied at the output of the DAC. This is controlled
by register bit AMUTE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
7
AMUTE
0
DSD Direct mute control:
0 = mute off
1 = mute on
Table 42 DSD Analogue Mute Control
POWER SAVING STANDBY CONTROL
Setting the PWDN register bit immediately connects all outputs to VMID and resets the digital sections
of the DAC system including the DLL, the audio interface and the DSP. Input data samples are not
preserved, but all control register settings are maintained. When PWDN is cleared the WM8741 will
repeat its power-on initialisation sequence.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
7
PWDN
0
Power Down Mode Select:
0 = Normal Mode
1 = Power Down Mode
Table 43 Powerdown Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com