Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
32
VOLUME RAMP MODE
There are two ways to change the volume in the WM8741, controlled by VOL_RAMP. When
VOL_RAMP=0, the volume changes in a single step from the current volume setting to the new
volume when an update is applied to the gain control registers. When VOL_RAMP=1, the volume is
automatically ramped from the current volume setting to the new volume setting when an update is
applied to the volume control registers. The speed at which this happens is dependant on the
sample rate as shown in Table 27 below:
SAMPLE RATE (kHz)
RAMP RATE (ms/dB)
32
1.000
44.1
0.726
48
0.667
88.2
0.726
96
0.667
176.4
0.726
196
0.667
Table 27 Volume Ramp Rates
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
0
VOL_
RAMP
0
Volume ramp mode control:
0 = Apply volume change in a single
step.
1 = Ramp between current volume
setting and new volume setting.
Table 28 Volume Ramp Control
ANTI-CLIPPING DIGITAL ATTENUATION MODE
Audio material is regularly recorded up to 0dB level and heavily compressed. This may cause
clipping and occasional distortion when the digital media is applied to a DAC. In order to prevent this
in the WM8741, an anti-clipping mode is provided, which attenuates the digital signal by 2dB as it is
processed through the digital filters.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
1
ATT2DB
0
Anti-clipping mode control:
0 = Off, 0dB attenuation
1 = On, 2dB attenuation applied
Table 29 Anti-Clipping Digital Attenuation Control
DSD PLUS GAIN CONTROL
The gain in the DSD Plus data path can be adjusted. The default setting provides a 1.4Vrms
differential output level.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
Mode Control 2
08h
6
DSD_
GAIN
0
DSD Plus gain control:
0 = Low gain, 1.4Vrms differential
output level
1 = High gain, 2.0Vrms differential
output level
Table 30 DSD Plus Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com