Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
22
PCM DIGITAL AUDIO INTERFACE
Audio data is applied to the DAC system via the Digital Audio Interface. Five popular interface
formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I2S mode
•
DSP mode A
•
DSP mode B
All five formats require the MSB to be transmitted first, and support word lengths of 16, 20, 24 and 32
bits, with the exception that 32 bit data is not supported in right justified mode. DIN and LRCLK may
be configured to be sampled on the rising or falling edge of BCLK by adjusting register bits LRP and
BCP.
In left justified, right justified and I2S audio interface modes, the digital audio interface receives data
on the DIN input pin. Stereo audio data is time multiplexed on DIN, with LRCLK indicating whether
the left or right channel is present. LRCLK is also used as a timing reference to indicate the
beginning or end of the data words.
The minimum number of BCLK periods per LRCLK period is two times the selected word length.
LRCLK must be high for a period equal to the minimum number of BCLK periods, and low for a
minimum of the same period. Any mark-to-space ratio on LRCLK is acceptable provided the above
requirements are met.
The WM8741 will automatically detect when data with a LRCLK period of exactly 32 BCLKs is
received, and select 16-bit mode. This overrides any previously programmed word length. The
operating word length will revert to a programmed value only if a LRCLK period other than 32 BCLKs
is detected.
In DSP mode A or DSP mode B, the data is time multiplexed onto DIN. LRCLK is used as a frame
sync signal to identify the MSB of the first word. The minimum number of BCLKs per LRCLK period
is two times the selected word length. Any mark to space ratio is acceptable on LRCLK provided the
rising edge is correctly positioned.
LEFT JUSTIFIED MODE
In left justified mode, the MSB is sampled on the first rising edge of BCLK following a LRCLK
transition. LRCLK is high during the left data word and low during the right data word.
Figure 14 Left Justified Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com