Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
37
NORMAL PCM MODE DIGITAL FILTER SELECTION
The WM8741 has a number of advanced digital filters that can be selected in all PCM operation
modes (with the exception of 8FS mode).
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Filter Control
06h
[2:0]
FIRSEL
000
Selects FIR1 filter response
000 = Response 1
001 = Response 2
010 = Response 3
011 = Response 4
100 = Response 5
Table 38 PCM Advanced Digital Filter Selection
Five digital filters are available for selection in each of the three OSR modes (low, medium and high
rate) as selected by the OSR bit described in Table 20. It is recommended that the device is muted
before the filter response is changed to prevent noise as the filters are reset from appearing on the
outputs. A summary of the filter characteristics is given in Table 39 below:
OSR
RESPONSE
NOTES
Low
1
Linear phase half-band filter for backward compatibility
2
Minimum phase ‘soft-knee’ filter
3
Minimum phase half-band filter
4
Linear phase apodising filter
5
Minimum phase apodising filter
Medium
1
Linear phase ‘soft-knee’ filter
2
Minimum phase ‘soft-knee’ filter
3
Linear phase ‘brickwall’ filter
4
Minimum phase apodising filter
5
Linear phase apodising filter
High
1
Linear phase ‘soft-knee’ filter
2
Minimum phase ‘soft-knee’ filter
3
Linear phase ‘brickwall’ filter
4
Minimum phase apodising filter
5
Linear phase apodising filter
Table 39 PCM Digital Filter Summary
For full details of the filter characteristics available in normal PCM mode, please see Table 64 to
Table 66 and Figure 28 to Figure 57.
8FS MODE DIGITAL FILTER
In 8FS mode, the majority of the internal filters are bypassed. In this mode, the data is filtered using
only the filter characteristic described by Table 67 and shown in Figure 58 and Figure 59.
DSD PLUS FILTER SELECTION
The WM8741 has a number of compensation filters that can be selected in DSD Plus mode.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Filter Control
06h
[4:3]
DSDFILT
[1:0]
00
Selects Compensation Filter
response
00 = Response 1
01 = Response 2
10 = Response 3
11 = Response 4
Table 40 DSD Plus Digital Filter Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com