Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
44
REGISTER MAP
Reg
Name
Addr
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
DACLLSB
Attenuation
00h
0
0
0
UPDATELL
LAT[4:0]
0x000
1
DACLMSB
Attenuation
01h
0
0
0
UPDATELM
LAT[9:5]
0x000
2
DACRLSB
Attenuation
02h
0
0
0
UPDATERL
RAT[4:0]
0x000
3
DACRMSB
Attenuation
03h
0
0
0
UPDATERM
RAT[9:5]
0x000
4
Volume Control
04h
0
AMUTE
ZEROFLR[1:0]
IZD
SOFT
MUTE
ATC
ATT2DB
VOL_RAMP
0x000
5
Format Control
05h
0
PWDN
REV
BCP
LRP
FMT[1:0]
IWL[1:0]
0x00A
6
Filter Control
06h
0
ZFLAG_HI
DEEMPH[1:0]
DSDFILT[1:0]
FIRSEL[2:0]
0x000
7
Mode Control 1
07h
0
MODE8X
OSR[1:0]
SR[2:0]
MODESEL[1:0]
0x000
8
Mode Control 2
08h
0
0
DSD_GAIN
SDOUT
DOUT
DIFF[1:0]
DITHER[1:0]
0x002
9
Software Reset
09h
RESET
0x000
32
Additional
Control 1
20h
0
0
0
0
0
0
0
DSD_LEVEL
DSD_NO_
NOTCH
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com