Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
15
CONTROL INTERFACE TIMING – 2-WIRE MODE
Figure 6 Control Interface Timing - 2-Wire Serial Control Mode
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLK Frequency
0
5
MHz
SCLK Low Pulse-Width
tSCL
80
ns
SCLK High Pulse-Width
tSCH
80
us
Hold Time (Start Condition)
tHOL
600
ns
Setup Time (Start Condition)
tCSE
600
ns
Data Setup Time
tDSU
100
ns
SDIN, SCLK Rise Time
tRIS
300
ns
SDIN, SCLK Fall Time
tFAL
300
ns
Setup Time (Stop Condition)
tCSS
600
ns
Data Hold Time
tDHO
900
ns
Max Pulse width of spikes that will be suppressed
tPS
4
6
ns
Table 5 Control Interface Timing – 2-wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com