Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
20
Figure 11 Initial Setup of Two WM8741 Devices into Control Interface Daisy Chain Mode
To write to a single device in the chain a complete sequence needs to be written to all the devices.
Devices that do not require a register change must also be written to. The user can choose to write
either the same data as the previous write, or write all 1s for the register address and data. All 1s will
result in writing to a non-existent register, address 7Fh, preserving the current register settings.
Figure 12 shows an example of how to access three WM8741 devices (the devices have all
previously been configured in daisy chain mode):
Figure 12 Daisy Chain Control Interface Example for Three WM8741 Devices
To ensure that only valid data is written to the devices in daisy chain mode, a pull up resistor is used
in SDOUT. When connected to the SDIN pin of the next device in the chain, this results in all ones
being written to the control interface of that device until the correct daisy chain data is written and
latched.
Serial daisy chaining is available only when using 3-wire serial control mode. It is not available in 2-
wire serial control mode or hardware control mode.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
Mode Control 2
08h
5
SDOUT
0
3 wire Serial Interface Daisy
Chaining
0 = No Output
1 = Output on pin 25.
Table 9 Control Interface Daisy Chaining Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com