Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
39
HARDWARE CONTROL MODE
When the MODE pin is held ‘low’ the WM8741 is set to hardware control mode and a limited feature
set can be configured.
PIN
NAME
DESCRIPTION
24
MODE/
LRSEL
0 = Hardware control mode
1 = 3-wire serial control mode
Z = 2-wire serial control mode
Table 44 MODE/LRSEL Hardware Control Pin Function
DSD AND PCM MODE SWITCHING
The audio interface mode can be switched between DSD Direct and PCM by controlling the state of
pin DSD. It is recommended that the chip is forced into a MUTE state before dynamically switching
modes.
PIN
NAME
DESCRIPTION
27
SCLK/DSD
0 = PCM Mode
1 = DSD Direct Mode
Table 45 SCLK/DSD Hardware Control Pin Function
AUDIO INPUT FORMAT
Under hardware control, it is possible to select between four different modes of operation for the
PCM audio interface.
PIN NUMBER
28
23
DESCRIPTION
NAME
CSB/SADDR/I2S
IWO/DOUT
STATUS
0
0
16-bit right justified
0
1
24-bit right justified
1
0
24-bit left justified
1
1
24-bit I
2S
Table 46 CSB/SADDR/I2S and IWO/DOUT Hardware Control Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com