Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
18
DEVICE DESCRIPTION
INTRODUCTION
The WM8741 is an ultra high performance DAC designed for digital audio applications. Its range of
features makes it ideally suited for use in professional recording environments, CD/DVD players, AV
receivers and other high-end consumer audio equipment.
The WM8741 is a complete differential stereo audio digital-to-analogue converter. The system
includes a dithered digital interpolation filter, fine resolution volume control and digital de-emphasis,
followed by a multi-bit sigma delta modulator and switched capacitor multi-bit stage with differential
voltage outputs. The device supports both PCM and DSD digital audio input formats.
The WM8741 includes a configurable digital audio interface support for a 3-wire and 2-wire serial
control interface, and a hardware control interface.
The software control interface may be
asynchronous to the audio data interface; in which case control data will be re-synchronised to the
audio processing internally. It is fully compatible with, and an ideal partner for, a range of industry
standard microprocessors, controllers and DSPs.
Uniquely, the WM8741 has a large range of high performance low latency advanced digital filters.
The full range of filters is selectable in software mode, and a limited range of filters are available
under hardware control. The filters allow users the flexibility to choose characteristics to match their
group delay, phase and latency requirements.
Operation using a master clock of 128fs, 192fs, 256fs, 384fs, 512fs or 768fs is supported. Sample
rates (fs) from 32kHz to 192kHz are allowed, provided the appropriate master clock is input (see
Table 11 for details).
In normal PCM mode, the audio data interface supports right justified, left justified and I
2S interface
formats along with a highly flexible DSP serial port interface.
There are two DSD modes. In DSD Direct mode, the datastream is subjected to the minimum
possible processing steps between input and output.
In DSD Plus mode, the datastream is
converted to PCM and filtered to allow reduction of out of band components. This step also provides
additional benefits in allowing access to other PCM features such as volume control and advanced
digital filtering.
The device is packaged in a small 28-lead SSOP.
CLOCKING SCHEMES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master system clock can be applied directly through the MCLK input pin
with no software configuration necessary for sample rate selection.
MCLK is used to derive clocks for the DAC path in PCM mode. The DAC path consists of DAC
sampling clock, DAC digital filter clock and DAC digital audio interface timing. In a system where
there are a number of possible sources for the reference clock it is recommended that the clock
source with the lowest jitter be used to optimise the performance of the DAC.
CONTROL INTERFACE
The WM8741 supports 2-wire and 3-wire serial control, and hardware control. Selection of control
mode is made by controlling the state of the MODE pin.
PIN
NAME
DESCRIPTION
24
MODE/
LRSEL
0 = Hardware control mode
1 = 3-wire serial control mode
Z = 2-wire serial control mode
Table 8 Control Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com