Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
45
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R0
DACLLSB
Attenuation
00h
[4:0]
LAT[4:0]
00 (0dB)
LSBs of attenuation data for left channel in 0.125dB steps. See Table
25 for details.
5
UPDATE
0
Attenuation data load control for left channel.
0 = Store LAT[4:0] value but don’t update
1 = Store LAT[4:0] and update attenuation on registers 0-3
Table 53 R0 DACL LSB Attenuation Control Register
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R1
DACLMSB
Attenuation
01h
[4:0]
LAT[9:5]
00 (0dB)
MSBs of attenuation data for left channel in 4dB steps. See Table 25
for details.
5
UPDATE
0
Attenuation data load control for left channel.
0 = Store LAT[9:5] value but don’t update
1 = Store LAT[9:5] and update attenuation on registers 0-3
Table 54 R1 DACL MSB Attenuation Control Register
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R2
DACRLSB
Attenuation
02h
[4:0]
RAT[4:0]
00 (0dB)
LSBs of attenuation data for right channel in 0.125dB steps. See
Table 25 for details.
5
UPDATE
0
Attenuation data load control for right channel.
0 = Store RAT[4:0] value but don’t update
1 = Store RAT[4:0] and update attenuation on registers 0-3
Table 55 R2 DACR LSB Attenuation Control Register
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R3
DACRMSB
Attenuation
03h
[4:0]
RAT[9:5]
00 (0dB)
MSBs of attenuation data for right channel in 4dB step. See Table 25
for details.
5
UPDATE
0
Attenuation data load control for right channel.
0 = Store RAT[9:5] value but don’t update
1 = Store RAT[9:5] and update attenuation on registers 0-3
Table 56 R3 DACR MSB Attenuation Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com