Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
14
CONTROL INTERFACE TIMING – 3-WIRE MODE
Figure 5 Control Interface Timing - 3-Wire Serial Control Mode
Test Conditions
DVDD = 3.3V, GND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCLK rising edge to LATCH
rising edge
tSCS
40
ns
SCLK pulse cycle time
tSCY
80
ns
SCLK pulse width low
tSCL
32
ns
SCLK pulse width high
tSCH
32
ns
SDIN to SCLK set-up time
tDSU
20
ns
SCLK to SDIN hold time
tDHO
20
ns
LATCH pulse width low
tCSL
20
ns
LATCH pulse width high
tCSH
20
ns
LATCH rising to SCLK rising
tCSS
20
ns
Table 4 Control Interface Timing – 3-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com