Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/V
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
34
ZERO FLAG OUTPUT
The WM8741 has one zero flag output pin, ZFLAG (pin 21). The zero flag feature is only valid for
PCM data.
The WM8741 asserts Logic 1 on the ZFLAG pin when a sequence of more than 1024 zeros is input
to the chip. The default value is a logical AND of both left and right channels. Under software
control, the user can also set the zero flag pin to respond to either the left channel OR the right
channel.
The zero flag pin can be used to control external muting circuits if required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
6:5
ZEROFLR
[1:0]
00
Zero flag output:
00 = Pin assigned to logical AND of
LEFT and RIGHT channels
01 = Pin assigned to LEFT channel
10 = Pin assigned to RIGHT
channel
11 = ZFLAG disabled
Table 32 Zero Flag Output
ZFLAG FORCE HIGH CONTROL
It is possible to force the ZFLAG pin to Logic 1 by setting ZFLAG_HI=1 in R7. This is useful in
situations where an application processor may require manual control of an external mute circuit.
Setting ZFLAG_HI=0 will allow the ZFLAG pin to function as defined by ZFLAGLR[1:0].
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Mode Control 1
06h
7
ZFLAG_HI
0
ZFLAG Force High Control
0 = Normal operation
1 = Output Logic 1
Table 33 ZFLAG Force High Control
INFINITE ZERO DETECT
The IZD register configures the operation of the WM8741 analogue mute in conjunction with the zero
flag feature. Table 20 shows the interdependency of the MUTEB pin, the IZD register and the zero
flag.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
4
IZD
0
IZD control of analogue mute:
0 = Never analogue mute
1 = Analogue mute when ZFLAG
set
Table 20 Infinite Zero Detect Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com