Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
101
POWER MANAGEMENT
The WM8946 has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To minimise pop or click noise,
it is important to enable or disable these functions in the correct order, and to use the signal mute
registers as part of a carefully structured control sequence. Refer to the “Recommended Power
Up/Down Sequence” section for more details.
The power management control registers are described in Table 65.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
1
13
INPPGAR_ENA
0
Right Input PGA Enable
0 = Disabled
1 = Enabled
12
INPPGAL_ENA
0
Left Input PGA Enable
0 = Disabled
1 = Enabled
11
ADCR_ENA
0
Right ADC and Record filter Enable
0 = Disabled
1 = Enabled
ADCR_ENA must be set to 1 when
processing right channel data from
the ADC or Digital Microphone.
10
ADCL_ENA
0
Left ADC and Record filter Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when
processing left channel data from
the ADC or Digital Microphone.
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
3
BIAS_ENA
0
Master Bias Enable
0 = Disabled
1 = Enabled
R3 (03h)
Power
management
2
15
OUTR_ENA
0
LINEOUTR enable
0 = Disabled
1 = Enabled
14
OUTL_ENA
0
LINEOUTL enable
0 = Disabled
1 = Enabled
13
SPKR_PGA_EN
A
0
Speaker Right PGA enable
0 = Disabled
1 = Enabled
12
SPKL_PGA_EN
A
0
Speaker Left PGA enable
0 = Disabled
1 = Enabled
11
SPKR_SPKVDD
_ENA
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also
controlled by SPKR_OP_ENA.
When powering down SPKOUTR,
the SPKR_SPKVDD_ENA bit
should be reset first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com