Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
103
THERMAL SHUTDOWN
The WM8946 incorporates a temperature sensor which detects when the device temperature is within
normal limits. The temperature status can be read at any time from the TEMP_STS bit, as described
in Table 66. This bit can be polled at any time, or may output directly on a GPIO pin, or may be used
to generate Interrupt events.
The temperature sensor can be configured to shut down the speaker outputs in the event of an
overtemperature condition. This is configured using the THERR_ACT register field.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
Status Flags
15
TEMP_STS
0
Thermal Sensor status
0 = Normal
1 = Overtemperature
R42 (2Ah)
Output ctrl
15
THERR_ACT
1
Thermal Shutdown enable
0 = Disabled
1 = Enabled
When THERR_ACT = 1, then an
overtemperature condition will
cause the speaker outputs to be
disabled.
Table 66 Thermal Shutdown Control
POWER ON RESET
The WM8946 includes a Power-On Reset (POR) circuit, which is used to reset the digital logic into a
default state after power up. The POR circuit derives its output from LDOVDD and DCVDD. The
internal POR
¯¯¯ signal is asserted low when either LDOVDD or DCVDD are below minimum thresholds.
The specific behaviour of the circuit will vary, depending on relative timing of the supply voltages.
Typical scenarios are illustrated in Figure 45 and Figure 46.
Figure 45 Power On Reset Timing – LDOVDD Enabled First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com