Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
108
REGISTER MAP
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
Software Reset/Chip
ID 1
SW_RESET[15:0]
6229h
R1 (1h)
Chip ID 2
0
0
0
0
0
0
0
0
0
0
0
0
CHIP_REV[3:0]
0000h
R2 (2h)
Power management
1
0
0
INPPG
AR_E
NA
INPPG
AL_EN
A
ADCR
_ENA
ADCL_
ENA
0
0
DMIC_
ENA
0
0
MICB_
ENA
BIAS_
ENA
VMID_
BUF_E
NA
VMID_SEL[1:0]
0000h
R3 (3h)
Power management
2
OUTR
_ENA
OUTL_
ENA
SPKR_
PGA_
ENA
SPKL_
PGA_
ENA
SPKR_
SPKV
DD_E
NA
SPKL_
SPKV
DD_E
NA
SPKR_
OP_M
UTE
SPKL_
OP_M
UTE
SPKR_
OP_E
NA
SPKL_
OP_E
NA
SPKR_
MIX_M
UTE
SPKL_
MIX_M
UTE
SPKR_
MIX_E
NA
SPKL_
MIX_E
NA
DACR
_ENA
DACL_
ENA
0330h
R4 (4h)
Audio Interface
DACDATA_PU
LL[1:0]
FRAME_PULL[
1:0]
BCLK_PULL[1:
0]
ADCR
_SRC
ADCL_
SRC
DACR
_SRC
DACL_
SRC
BCLK_
INV
LRCLK
_INV
WL[1:0]
FMT[1:0]
028Ah
R5 (5h)
Companding control
0
0
0
0
0
0
0
0
0
0
LOOP
BACK
0
DAC_
COMP
DAC_
COMP
MODE
ADC_
COMP
ADC_
COMP
MODE
0000h
R6 (6h)
Clock Gen control
OSC_
CLK_E
NA
MCLK_PULL[1:
0]
CLKO
UT_SE
L
CLKOUT_DIV[1
:0]
SYSCL
K_ENA
SYSCL
K_SR
C
SYSCLK_DIV[2:0]
TOCL
K_ENA
BCLK_DIV[2:0]
MSTR
0106h
R7 (7h)
Additional control
0
0
0
0
VMID_
FAST_
START
VMID_
REF_S
EL
VMID_
CTRL
START
UP_BI
AS_EN
A
BIAS_
SRC
VMID_RAMP[1:
0]
VMID_
ENA
SR[3:0]
000Dh
R8 (8h)
FLL Control 1
0
0
0
FLL_CLK_REF
_DIV[1:0]
FLL_OUTDIV[2:0]
FLL_CTRL_RATE[2:0]
FLL_FRATIO[2:0]
FLL_F
RAC
FLL_E
NA
0102h
R9 (9h)
FLL Control 2
FLL_K[15:0]
3127h
R10 (Ah)
FLL Control 3
0
FLL_N[9:0]
0
FLL_GAIN[3:0]
0104h
R11 (Bh)
GPIO Config
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
MODE
_GPIO
0000h
R12 (Ch)
GPIO1 Control
GP1_D
IR
GP1_PULL[1:0] GP1_I
NT_M
ODE
0
GP1_P
OL
0
0
0
0
GP1_L
VL
0
GP1_FN[3:0]
8000h
R13 (Dh)
GPIO2 Control
GP2_D
IR
GP2_PULL[1:0] GP2_I
NT_M
ODE
0
GP2_P
OL
0
0
0
0
GP2_L
VL
0
GP2_FN[3:0]
8000h
R14 (Eh)
GPIO3 Control
GP3_D
IR
GP3_PULL[1:0] GP3_I
NT_M
ODE
0
GP3_P
OL
0
0
0
0
GP3_L
VL
0
GP3_FN[3:0]
C000h
R15 (Fh)
GPIO4 Control
GP4_D
IR
GP4_PULL[1:0] GP4_I
NT_M
ODE
0
GP4_P
OL
0
0
0
0
GP4_L
VL
0
GP4_FN[3:0]
8000h
R16 (10h) System Interrupts
TEMP
_INT
GP4_I
NT
GP3_I
NT
GP2_I
NT
GP1_I
NT
0
0
0
0
0
0
0
0
0
0
LDO_
UV_IN
T
0000h
R17 (11h) Status Flags
TEMP
_STS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LDO_
UV_ST
S
0000h
R18 (12h) IRQ Config
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IM_IR
Q
0001h
R19 (13h) System Interrupts
Mask
IM_TE
MP_IN
T
IM_GP
4_INT
IM_GP
3_INT
IM_GP
2_INT
IM_GP
1_INT
0
0
0
0
0
0
0
0
0
0
IM_LD
O_UV_
INT
0000h
R20 (14h) Control Interface
0
0
0
0
0
0
0
0
0
0
0
0
0
SPI_O
D
SPI_4
WIRE
AUTO
_INC
0002h
R21 (15h) DAC Control 1
0
0
0
0
0
0
0
DAC_
MUTE
ALL
0
0
0
DAC_
AUTO
MUTE
0
0
DACR
_DATI
NV
DACL_
DATIN
V
0110h
R22 (16h) DAC Control 2
0
0
0
0
0
0
0
0
0
0
0
DAC_
VOL_R
0
0
0
DAC_
SB_FL
0010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com