Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 111 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 111 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 115Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
111
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R83 (53h) SE1_NOTCH_M11
SE1_NOTCH_M11[15:0]
1000h
R84 (54h) SE1_NOTCH_M20
SE1_NOTCH_M20[15:0]
0000h
R85 (55h) SE1_NOTCH_M21
SE1_NOTCH_M21[15:0]
1000h
R86 (56h) SE1_NOTCH_M30
SE1_NOTCH_M30[15:0]
0000h
R87 (57h) SE1_NOTCH_M31
SE1_NOTCH_M31[15:0]
1000h
R88 (58h) SE1_NOTCH_M40
SE1_NOTCH_M40[15:0]
0000h
R89 (59h) SE1_NOTCH_M41
SE1_NOTCH_M41[15:0]
1000h
R90 (5Ah) SE1_NOTCH_M50
SE1_NOTCH_M50[15:0]
0000h
R91 (5Bh) SE1_NOTCH_M51
SE1_NOTCH_M51[15:0]
1000h
R92 (5Ch) SE1_DF1_CONFIG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE1_D
F1_R_
ENA
SE1_D
F1_L_
ENA
0000h
R93 (5Dh) SE1_DF1_L0
SE1_DF1_L0[15:0]
1000h
R94 (5Eh) SE1_DF1_L1
SE1_DF1_L1[15:0]
0000h
R95 (5Fh) SE1_DF1_L2
SE1_DF1_L2[15:0]
0000h
R96 (60h) SE1_DF1_R0
SE1_DF1_R0[15:0]
1000h
R97 (61h) SE1_DF1_R1
SE1_DF1_R1[15:0]
0000h
R98 (62h) SE1_DF1_R2
SE1_DF1_R2[15:0]
0000h
R100 (64h) SE2_RETUNE_CON
FIG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE2_R
ETUN
E_R_E
NA
SE2_R
ETUN
E_L_E
NA
0000h
R101 (65h) SE2_RETUNE_C0
SE2_RETUNE_C0[15:0]
1000h
R102 (66h) SE2_RETUNE_C1
SE2_RETUNE_C1[15:0]
0000h
R103 (67h) SE2_RETUNE_C2
SE2_RETUNE_C2[15:0]
0000h
R104 (68h) SE2_RETUNE_C3
SE2_RETUNE_C3[15:0]
0000h
R105 (69h) SE2_RETUNE_C4
SE2_RETUNE_C4[15:0]
0000h
R106 (6Ah) SE2_RETUNE_C5
SE2_RETUNE_C5[15:0]
0000h
R107 (6Bh) SE2_RETUNE_C6
SE2_RETUNE_C6[15:0]
0000h
R108 (6Ch) SE2_RETUNE_C7
SE2_RETUNE_C7[15:0]
0000h
R109 (6Dh) SE2_RETUNE_C8
SE2_RETUNE_C8[15:0]
0000h
R110 (6Eh) SE2_RETUNE_C9
SE2_RETUNE_C9[15:0]
0000h
R111 (6Fh) SE2_RETUNE_C10
SE2_RETUNE_C10[15:0]
0000h
R112 (70h) SE2_RETUNE_C11
SE2_RETUNE_C11[15:0]
0000h
R113 (71h) SE2_RETUNE_C12
SE2_RETUNE_C12[15:0]
0000h
R114 (72h) SE2_RETUNE_C13
SE2_RETUNE_C13[15:0]
0000h
R115 (73h) SE2_RETUNE_C14
SE2_RETUNE_C14[15:0]
0000h
R116 (74h) SE2_RETUNE_C15
SE2_RETUNE_C15[15:0]
0000h
R117 (75h) SE2_RETUNE_C16
SE2_RETUNE_C16[15:0]
0000h
R118 (76h) SE2_RETUNE_C17
SE2_RETUNE_C17[15:0]
0000h
R119 (77h) SE2_RETUNE_C18
SE2_RETUNE_C18[15:0]
0000h
R120 (78h) SE2_RETUNE_C19
SE2_RETUNE_C19[15:0]
0000h
R121 (79h) SE2_RETUNE_C20
SE2_RETUNE_C20[15:0]
0000h
R122 (7Ah) SE2_RETUNE_C21
SE2_RETUNE_C21[15:0]
0000h
R123 (7Bh) SE2_RETUNE_C22
SE2_RETUNE_C22[15:0]
0000h
R124 (7Ch) SE2_RETUNE_C23
SE2_RETUNE_C23[15:0]
0000h
R125 (7Dh) SE2_RETUNE_C24
SE2_RETUNE_C24[15:0]
0000h
R126 (7Eh) SE2_RETUNE_C25
SE2_RETUNE_C25[15:0]
0000h
R127 (7Fh) SE2_RETUNE_C26
SE2_RETUNE_C26[15:0]
0000h
R128 (80h) SE2_RETUNE_C27
SE2_RETUNE_C27[15:0]
0000h
R129 (81h) SE2_RETUNE_C28
SE2_RETUNE_C28[15:0]
0000h
R130 (82h) SE2_RETUNE_C29
SE2_RETUNE_C29[15:0]
0000h
R131 (83h) SE2_RETUNE_C30
SE2_RETUNE_C30[15:0]
0000h
R132 (84h) SE2_RETUNE_C31
SE2_RETUNE_C31[15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com