Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
119
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
10:8
FLL_OUTDIV
[2:0]
001
FOUT clock divider
000 = 2
001 = 4
010 = 8
011 = 16
100 = 32
101 = 64
110 = 128
111 = 256
(FOUT = FVCO / FLL_OUTDIV)
7:5
FLL_CTRL_RA
TE[2:0]
000
Frequency of the FLL control block
000 = FVCO / 1 (Recommended value)
001 = FVCO / 2
010 = FVCO / 3
011 = FVCO / 4
100 = FVCO / 5
101 = FVCO / 6
110 = FVCO / 7
111 = FVCO / 8
Recommended that this register is not changed from
default.
4:2
FLL_FRATIO
[2:0]
000
FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
000 recommended for FREF > 1MHz
100 recommended for FREF < 16kHz
011 recommended for all other cases
1
FLL_FRAC
1
Fractional enable
0 = Integer Mode
1 = Fractional Mode
Integer mode offers reduced power consumption.
Fractional mode offers best FLL performance, provided
also that N.K is a non-integer value.
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled
Register 08h FLL Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R9 (09h)
FLL Control
2
15:0
FLL_K[15:0]
0011_0001
_0010_011
1
Fractional multiply for FREF
(MSB = 0.5)
Register 09h FLL Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com