Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 120 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 120 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 124Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
120
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R10 (0Ah)
FLL Control
3
14:5
FLL_N[9:0]
00_0000_1
000
Integer multiply for FREF
(LSB = 1)
3:0
FLL_GAIN[3:0]
0100
Gain applied to error
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1000 = x 256
Recommended that this register is not changed from
default.
Register 0Ah FLL Control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R11 (0Bh)
GPIO Config
0
MODE_GPIO
0
CIFMODE/GPIO3 pin configuration
0 = Pin configured as CIFMODE
1 = Pin configured as GPIO3
Note – when this bit is set to 1, it is latched and cannot
be reset until Power-Off or Software Reset.
Register 0Bh GPIO Config
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R12 (0Ch)
GPIO1
Control
15
GP1_DIR
1
GPIO1 Pin Direction
0 = Output
1 = Input
14:13
GP1_PULL[1:0]
00
GPIO1 pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
GP1_INT_MOD
E
0
GPIO1 Interrupt Mode
0 = GPIO interrupt is rising edge triggered (if
GP1_POL=0) or falling edge triggered (if GP1_POL =1)
1 = GPIO interrupt is triggered on rising and falling
edges
10
GP1_POL
0
GPIO1 Polarity Select
0 = Non-inverted
1 = Inverted
5
GP1_LVL
0
GPIO1 level. Write to this bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP1_POL is set, the register contains the
opposite logic level to the external pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com