Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
101
13.12.3 MID-RAIL REFERENCE (VMID)
VMID provides a potential mid-way between AVDD and GND, used in many parts of the audio
CODEC. It is generated from AVDD using on-chip potential dividers. Different resistor values can be
selected for this purpose. A medium resistance should be used when the CODEC is active. A high
resistance option provides a more power-efficient way to maintain the VMID voltage when the
CODEC is in “Standby” (i.e. inactive but ready to start immediately, without needing to wait for the
VMID capacitor to be charged). For startup and shutdown the VMID generator provides soft VMID
ramping to reduce pops and clicks. The speed of this ramp is selectable using the anti-pop controls
and can be tuned to the application.
Figure 62 Generating the Mid-rail Reference
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Power
Management 1
2
VMID_EN
A
0
Enables VMID resistor string
0 = disabled
1 = enabled
1:0
VMID [1:0]
00
(off)
Resistor selection for VMID potential divider
00 = off
01 = Vmid comes from 300kΩ R-string
10 = Vmid comes from 50kΩ R-string
11 = Vmid comes from 5kΩ R-string
Table 50 Controlling the Mid-rail Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com