Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
105
13.12.6 ZERO CROSS TIMEOUT
A zero-cross timeout function is also provided so that if zero cross is enabled on the input or output
PGAs the gain will automatically update after a timeout period if a zero cross has not occurred.
The zero-cross timeout function requires the internal slow clock to be enabled - see Section 12.3.6.
13.12.7 INTERRUPTS AND FAULT PROTECTION
The CODEC has its own first-level interrupt, CODEC_INT (see Section 24). This comprises four
second-level interrupts which indicate Jack detect and Microphone current conditions. These
interrupts can be individually masked by setting the applicable mask bit(s) as described in Table 54.
ADDRESS
BIT
LABEL
DESCRIPTION
R31 (1Fh)
Comparator
Interrupt
Status
11
CODEC_JCK_DET_L_EINT
Left channel Jack detection interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
10
CODEC_JCK_DET_R_EINT
Right channel Jack detection interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
9
CODEC_MICSCD_EINT
Mic short-circuit detect interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
8
CODEC_MICD_EINT
Mic detect interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
R39 (27h)
Comparator
Interrupt
Status Mask
11:8
“IM_” + name of respective
bit in R31
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R39 enables or masks the
corresponding bit in R31. The default
value for these bits is 0 (unmasked).
Table 54 CODEC Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com