Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
103
13.12.5 UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to AVDD/2 through a resistor.
This helps to prevent pop noise when the output is re-enabled. The resistance between the voltage
buffer and the output pins can be controlled using the VROI control bits. The default impedance is
low, so that any capacitors on the outputs can charge up quickly at start-up. If high impedance is
desired for disabled outputs, VROI can then be set to 1, increasing the resistance to about 30k
Ω.
There are individual VROI bits for each output or output pair. This allows matching of the rise times
of the outputs if they are driving different capacitors. Using the small resistance with a capacitor for
headphone outputs (typically 220uF) and the larger resistance with a line load capacitance (10uF for
example); will allow both sets of outputs to power up in around the same time, around 200ms.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Power Mgmt
1
13
VBUF_ENA
0
Forces ON the tie-off amplifiers
0 = disabled
1 = enabled
R76 (4Ch)
Output
Control
8
OUT1_VROI
0
VREF (AVDD/2) to OUT1L/OUT1R
resistance
0 = approx 500
Ω
1 = approx 30 k
Ω
9
OUT2_VROI
0
VREF (AVDD/2) to OUT2L/OUT2R
resistance
0 = approx 500
Ω
1 = approx 30 k
Ω
10
OUT3_VROI
0
VREF (AVDD/2) to OUT3 resistance
0 = approx 500
Ω
1 = approx 30 k
Ω
11
OUT4_VROI
0
VREF (AVDD/2) to OUT4 resistance
0 = approx 500
Ω
1 = approx 30 k
Ω
Table 52 Disabled Outputs to VREF Resistance
A dedicated buffer is available for tying off unused analogue I/O pins as shown below. This buffer
can be enabled using the VBUF_ENA register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com