Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
107
Figure 64 WM8352 Operating State Diagram
14.2.1
HIBERNATE STATE SELECTION
The WM8352 moves from the ACTIVE to the HIBERNATE state when the HIBERNATE register bit is
set. It can also move to hibernate using the Hibernate Edge or the Hibernate Level function from the
GPIOs.
It returns to the ACTIVE state when the Hibernate Level GPIO function is reset and the HIBERNATE
bit is set to 0. It can also return to ACTIVE via the Hibernate Edge function or when a wake-up event
(see Section 14.3.1) occurs.
If a fault condition occurs in the HIBERNATE state, the WM8352 moves to the OFF state.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
System
Hibernate
15
HIBERNATE
0
Determines what state the chip should
operate in.
0 = Active state
1 = Hibernate state
The register bit defaults to 0 when a reset
happens
Table 55 Invoking HIBERNATE State
The behaviour of the WM8352 in the HIBERNATE state is programmable in terms of supply voltage
generation, interrupts and resets. Fast battery charging is disabled in the HIBERNATE state, but
trickle charging is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com