Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
108
14.3 POWER SEQUENCING AND CONTROL
14.3.1
STARTUP
The WM8352 moves from OFF or HIBERNATE states to the ACTIVE state when a startup event
occurs. Startup events include:
A trigger signal on the ON pin lasting more than 40ms. The active polarity of this input is
set by the register field ON_POL.
A trigger signal on a GPIO pin configured as /WAKEUP lasting more than 40ms. The
active polarity of this input is set by GPn_CFG for the applicable GPIO pin (see
Section 20).
A trigger signal on a GPIO pin configured as PWR_ON input lasting more than 40ms. The
active polarity of this input is set by GPn_CFG for the applicable GPIO pin (see
Section 20).
Programmed ALARM from RTC module, if enabled (see Section 22).
Wall adaptor plug-in (WALL_FB rises above 4.0V).
USB plug-in (USB pin rises above 4.0V).
The start-up events are only valid provided also that the available supply voltage, sensed on the
LINE pin, is greater than the start-up threshold set by PCCMP_ON_THR, as defined in Section 18.
Start-Up by Wall adaptor plug-in occurs when the Wall Adapter feedback pin detects a voltage
greater than 4.0V. See Section 17.1 for a description of the WALL_FB pin function.
Start-Up by USB plug-in occurs when the USB voltage rises above the LINE voltage. If USB
Suspend mode is invoked, then USB plug-in starts the WM8352 on battery power, if available. When
USB Suspend Mode is not invoked, this start-up event will lead to starting the WM8352 on USB
power, and USB 100mA trickle charging of the battery is enabled.
Note that applying a battery voltage is not a start-up event, i.e. connecting a battery pack does not
start the WM8352. The WM8352 starts up on battery power if a startup event occurs and battery
power is the only power source available, provided the battery voltage is above the startup threshold.
(The start-up threshold is set by PCCMP_ON_THR, as defined in Section 18.)
In the ACTIVE state, the host processor can read the Interrupt status fields in Register R31 in order
to determine what action initiated the start-up. These fields indicate, for example, if the start-up was
due to a reset caused by an error condition, or if the start-up was caused by a PWR_ON input, or if
the start-up was caused by an RTC alarm. The first-level interrupt WKUP_INT is triggered whenever
any of the second-level interrupt events described in Table 56 is set. See Section 24 for further
details of Interrupt.
ADDRESS
BIT
LABEL
DESCRIPTION
R31 (1Fh)
Comparator
Interrupt
Status
6
WKUP_OFF_STATE_EINT
Indicates that the chip started from the
OFF state.
(Rising Edge triggered)
Note: This bit is cleared once read.
5
WKUP_HIB_STATE_EINT
Indicated the chip started up from the
hibernate state.
(Rising Edge triggered)
Note: This bit is cleared once read.
4
WKUP_CONV_FAULT_EINT
Indicates the wakeup was caused by a
converter fault leading to the chip being
reset.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
WKUP_WDOG_RST_EINT
Indicates the wakeup was caused by a
watchdog heartbeat being missed, and
hence the chip being reset.
(Rising Edge triggered)
Note: This bit is cleared once read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com