Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
104
AVDD/2
-
+
AVDD/2
Used to tie off all unused
outputs.
OUT2L
OUT2R
OUT3
500
30k
OUT3_VROI
R76[10]
500
30k
500
30k
OUT4
500
30k
OUT4_VROI
R76[11]
OUT1L
500
30k
OUT1_VROI
R76[8]
OUT1R
500
30k
AVDD/2
-
+
AVDD/2
VBUF_ENA
R8[13]
Used to tie off all unused
inputs.
OUT1L_ENA
R10[0]
OUT1R_ENA
R10[1]
OUT2L_ENA
R10[2]
OUT2R_ENA
R10[3]
OUT2_VROI
R76[9]
OUT3_ENA
R9[4]
OUT4_ENA
R9[5]
VBUF_ENA
R8[13]
Figure 63 Unused Input/Output Pin Tie-off Buffers
OUT1R/L_ENA/
OUT2R/L_ENA
OUT3/4_ENA
VROI
OUTPUT CONFIGURATION
0
0
500Ω tie-off to AVDD/2
0
1
30kΩ tie-off to AVDD/2
1
X
Output enabled (DC level = AVDD/2)
1
X
Output enabled (DC level = 1.5 x AVDD/2)
Table 53 Unused Output Pin Tie-off Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com