Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 129 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 129 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 133Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
129
The default output voltage for DC-DC Converters 1, 3, 4 and 6 is set by writing to the DCn_VSEL
register bits. The ‘image’ voltage settings DCn_VIMG are alternate values that may be invoked when
the HIBERNATE software or hardware control is asserted as described above.
The DC-DC Converters 1, 3, 4 and 6 are dynamically programmable - the output voltage may be
adjusted in software at any time. These Converters are buck (step-down) converters; their output
voltage can therefore be lower than the input voltage, but cannot be higher.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R180 (B4h) for
DC-DC1
R186 (BAh) for
DC-DC3
R189 (BDh) for
DC-DC4
R195 (C3h) for
DC-DC6
6:0
DCn_VSEL
[6:0]
Dependant
on CONFIG
settings
DC-DCn Converter output voltage
settings in 25mV steps.
Maximum output = 3.4V.
110 0110 = 3.4V
110 0010 = 3.3V
101 0110 = 3.0V
100 1110 = 2.8V
……
010 0110 = 1.8V
000 1110 = 1.2V
000 0110 = 1.0V
000 0000 = 0.85V
R182 (B6h) for
DC-DC1
R188 (BCh) for
DC-DC3
R191 (BFh) for
DC-DC4
R197 (C5h) for
DC-DC6
6:0
DCn_VIMG
[6:0]
000 0110
DC-DCn Converter output image voltage
settings in 25mv steps.
Maximum output = 3.4V.
110 0110 = 3.4V
110 0010 = 3.3V
101 0110 = 3.0V
100 1110 = 2.8V
……
010 0110 = 1.8V
000 1110 = 1.2V
000 0110 = 1.0V
000 0000 = 0.85V
Note: n is either 1, 3, 4 or 6 and identifies the individual DC-DC converter
Table 74 Output Voltage Control for DC-DC Converters 1, 3, 4 and 6
When the DC-DC Converters 1, 3, 4 and 6 are disabled, the output can be set to float or else the
outputs can be actively discharged through internal resistors. This feature is controlled using the
register bits described in Table 75.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R180 (B4h) for
DC-DC1
R186 (BAh) for
DC-DC3
R189 (BDh) for
DC-DC4
R195 (C3h) for
DC-DC6
10
DCn_OPFLT
0
Enable discharge of DC-DCn outputs
when DC-DCn is disabled
0 = Enabled - Output to be discharged
1 = Disabled - Output is left floating
Note: n is either 1, 3, 4 or 6 and identifies the individual DC-DC converter
Table 75 Output Float Control for DC-DC Converters 1, 3, 4 and 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com