Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
131
In all configurations, the input pins VP2 and VP5 must be externally wired to one of the supply rails,
BATT or LINE. Using LINE has the advantage that the converters can operate when the battery is
flat, defective or absent. Note that VP2 and VP5 should not be connected to the USB supply rail.
The DCn_RMPH and DCn_RMPL bits defined in Table 77 should be set according to the desired
output voltage in order to optimise the transient response of the converter. Selecting a different value
could result in sub-harmonic oscillation of the converter.
The DCn_ILIM bits defined in Table 77 should be set according to the intended output load
conditions.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R183 (B7h)
for DC-DC2
R192 (C0h)
for DC-DC5
14
DCn_MODE
0
DC-DCn Converter Mode
0 = boost mode
1 = switch mode
6
DCn_ILIM
0
DC-DCn peak current limit select
0 = Higher peak current
1 = Lower peak current
4:3
DCn_RMPH
DCn_RMPL
01
DC-DCn compensation ramp
{DCn_RMPH, DCn_RMPL}
00 = 20V < VOUT ≤ 30V
01 = 10V < VOUT ≤ 20V
10 = 5V < VOUT ≤ 10V
11 = VOUT ≤ 5V (will be chosen
automatically if DCn_FBSRC=11)
1:0
DCn_FBSRC
[1:0]
00
DC-DCn voltage feedback selection
00 = voltage feedback (using external
resistor divider on pin FBn)
01 = current sink ISINKA used as
feedback
10 = current sink ISINKB used as
feedback
11 = voltage feedback (using internal
resistor divider on pin USB)
Note: n is either 2 or 5 and identifies the individual DC-DC converter
Table 77 Operating Mode Control for DC-DC Converters 2 and 5
DC-DC Converters 2 and 5 can also be controlled by the device HIBERNATE bit, or by hardware
input signals L_PWR1, L_PWR2 and L_PWR3. Several GPIO pins can be assigned as L_PWR pins.
Each converter can be assigned to one of these three signals, or else to the device HIBERNATE bit.
The signals are active high and each converter’s response to the selected signal is programmable as
defined in Table 78.
Note that, when a GPIO pin is configured as a Hibernate input pin, and this input is asserted, then all
DC-DC Converters will be placed in Hibernate mode.
In order to use GPIO pins as L_PWR pins, they must be configured by setting the respective
GPn_FN, and GPn_DIR bits to the appropriate value (see Section 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com