Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 130 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 130 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 134Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
130
A summary of the Mode Control and Voltage Control for DC-DC Converter 1 is provided in Table 76.
Note that “Hibernate” in Table 76 refers to a GPIO Hibernate input or to the applicable Hibernate
signal selected by the DC1_HIB_TRIG field.
The equivalent logic applies for DC-DC 3, 4 and 6. Note that the DC-DC Converters must also be
enabled as described in Table 71.
HIBERNATE DC1_HIB_MODE DC1_SLEEP DC1_ACTIVE
OPERATING
MODE
OUTPUT
VOLTAGE
0
X
0
0
Standby/Hysteretic
DC1_VSEL
0
X
0
1
Active
DC1_VSEL
0
X
1
X
LDO Mode
DC1_VSEL
1
000
0
0
Standby/Hysteretic
DC1_VSEL
0
1
Active
DC1_VSEL
1
X
LDO Mode
DC1_VSEL
001
0
0
Standby/Hysteretic
DC1_VIMG
0
1
Active
DC1_VIMG
1
X
LDO Mode
DC1_VIMG
010
X
X
Standby/Hysteretic
DC1_VSEL
011
X
X
Standby/Hysteretic
DC1_VIMG
100
X
X
LDO Mode
DC1_VSEL
101
X
X
LDO Mode
DC1_VIMG
110
X
X
Disabled
N/A
111
X
X
Disabled
N/A
Table 76 DC1 Converter Operating Mode Selection
14.6.4
DC-DC BOOST (STEP-UP) CONVERTER CONTROL
DC-DC Converters 2 and 5 are boost converters which can be configured to operate in different
operating modes, using the register bits described in Table 77.
In Switch mode, the DC-DC Converter acts as a switch between VP2 and L2 or between VP5 and L5
for Converter 2 and 5 respectively. The switch is enabled (closed) by setting DCn_ENA = 1. The
switch is disabled (opened) by setting DCn_ENA = 0. Note that the switch voltage source on VP2 or
VP5 must be >1.2V to ensure reliable operation.
In Boost mode, the DC-DC Converters operate as step-up converters, employing current-mode
architecture, capable of powering LED lights. The output voltage can be higher than the input
voltage, but cannot be lower. Different configurations of voltage feedback are available in boost
mode, to control the output voltage in different ways. The voltage feedback mode is selected by the
DCn_FBSRC register field.
When DCn_FBSRC = 00, the converter’s output voltage is set by two external resistors connected to
FB2 or FB5. See Section 29 for Applications Information covering the selection of suitable
components.
When DCn_FBSRC = 01, the converter uses the ISINKA pin as feedback and adjusts its output
voltage in order to achieve the required ISINKA current.
When DCn_FBSRC = 10, the converter uses the ISINKB pin as feedback and adjusts its output
voltage in order to achieve the required ISINKB current.
When DCn_FBSRC = 11, the converter’s output voltage is set by two internal resistors, resulting in a
fixed 5V output, suitable for USB interfaces.
The current-controlled configurations using ISINKA or ISINKB are intended for controlling a string of
serially-connected LEDs driven by one of the DC-DC boost converters. See Table 97 for a definition
of the CSn_ISEL register field which determines the required ISINKA or ISINKB current. In these
modes, external resistors connected on the FB2 or FB5 pin determine the maximum output voltage.
See Section 29 for Applications Information covering the selection of suitable components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com