Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
133
The DC-DC Converters and the LDO Regulators have a first-level interrupt, UV_INT (see
Section 24). This comprises second-level interrupts from each of the DC-DC Converters and the
LDO Regulators.
Each DC-DC Converter has a dedicated second-level interrupt which indicates an under-voltage
condition. These can be masked by setting the applicable mask bit as defined in Table 80.
ADDRESS
BIT
LABEL
DESCRIPTION
R28 (1Ch)
Under Voltage
Interrupt Status
5
UV_DC6_EINT
DCDC6 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
4
UV_DC5_EINT
DCDC5 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
UV_DC4_EINT
DCDC4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
UV_DC3_EINT
DCDC3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
UV_DC2_EINT
DCDC2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
UV_DC1_EINT
DCDC1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R36 (24h)
Under Voltage
Interrupt Mask
as in
R28
“IM_” + name of respective
bit in R28
Mask bits for DC-DC converter under-
voltage interrupts
Each of these bits masks the respective
bit in R28 when it is set to 1 (e.g.
UV_DC1_EINT in R28 does not trigger a
UV_INT interrupt when
IM_UV_DC1_EINT in R36 is set).
Note: there is no over-current fault condition for converters 2 and 5.
Table 80 DC-DC Converter Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com