Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 328 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 328 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 324Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 331Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 332Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
328
29.4 DC-DC (STEP-UP) CONVERTER EXTERNAL COMPONENTS
The DC-DC (Step-Up) Converters can operate as Switches or as Boost Converters. In Boost mode,
they operate in one of three different modes, set by the DC2_FBSRC and DC5_FBSRC register
fields. The following subsections describe each of these modes in turn.
29.4.1
DC-DC (STEP-UP) CONVERTERS - CONSTANT VOLTAGE MODE
Constant voltage mode is selected by setting DCn_FBSRC[1:0] = 00, as described in Section 14.6.4.
The recommended connections to the DC-DC (Step-Up) Converters in this mode are illustrated in
Figure 89.
Figure 89 DC-DC (Step-Up) Converters External Components - Constant Voltage Mode
The DC-DC (Step-Up) Converters are capable of generating output voltages of up to 30V. The output
voltage is determined by the two external resistors R1 and R2, which form a resistive divider between
load connection and the voltage feedback pin FB2 or FB5. The output voltage is set as described in
the following equation:
Setting R2 to 47kΩ is recommended for most applications; R1 can be calculated using the following
equation, given the required output voltage:
When selecting suitable capacitors, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. Ceramic X7R or X5R types are
recommended.
The choice of output capacitor for DC-DC2 and DC-DC varies depending on the required output
voltage. For a 20V output, 0.47
μF is recommended. For a 5V output, 10μF is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com