Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 330 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 330 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 331Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 332Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 333Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 334Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
330
29.4.2
DC-DC (STEP-UP) CONVERTERS - CONSTANT CURRENT MODE
Constant current mode is selected by setting DCn_FBSRC[1:0] as described in Section 14.6.4.
Setting DCn_FBSRC[1:0] = 01 results in the DC Converter controlling the current at ISINKA, whilst
setting DCn_FBSRC[1:0] = 10 controls the current at ISINKB. The recommended connections to the
DC-DC (Step-Up) Converters in this mode are illustrated in Figure 90.
Figure 90 DC-DC (Step-Up) Converters External Components - Constant Current Mode
In the constant current mode, the DC-DC Converter output voltage is controlled by the WM8352 in
order to achieve the required current in ISINKA or ISINKB. The required current is set by the
CSn_ISEL register fields, as described in Section 16.2.2. A typical application for this mode would be
a white LED driver, where several LEDs are connected in series to achieve uniform brightness.
The DC-DC (Step-Up) Converters are capable of generating output voltages of up to 30V. The
maximum output voltage is determined by the two external resistors R1 and R2, which form a
resistive divider between load connection and the voltage feedback pin FB2 or FB5.
The choice of resistors R1 and R2 follows the same equations as for the constant voltage mode (see
Section 29.4.1). Note that, in constant current mode, the resistors determine the maximum output
voltage. The actual voltage will be determined by the selected ISINK current, subject to the device
limits.
The choice of Capacitors, Inductor and FET in constant current mode is the same as for the constant
voltage mode; see Section 29.4.4 for specific recommended component details.
When ISINKA or ISINKB is used in conjunction with DC-DC Converter 2 or 5, the ISINK should
always be switched on before the DC-DC Converter is switched on. Conversely, the DC-DC
Converter should always be switched off before the ISINK is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com