Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 329 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 329 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 331Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 332Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 333Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
329
When selecting a suitable output inductor, the inductance value and the saturation current must be
compatible with the operating conditions of the converter.
The magnitude of the inductor current ripple is dependent on the inductor value and can be
determined by the following equation:
VOUT -VIN
L . FSW
IL =
IL = Inductor ripple current
= Output voltage
= Input voltage
= Inductance
= Switching frequency (1MHz)
VOUT
VIN
L
FSW
The inductor current is also a function of the DC-DC Converter maximum input current, which can be
determined by the following equation:
As a minimum requirement, the DC current rating should be equal to the maximum input current plus
one half of the inductor current ripple.
To be suitable for the application, the chosen inductor must have a saturation current that is higher
than the peak inductor current given by the above equation. To maximise the converter efficiency,
the inductor should also have a low DC Resistance (DCR), resulting in minimum conduction losses.
Care should also be taken to ensure that the inductor is effective at the applicable operating
temperature.
See Section 29.4.4 for recommended inductor, capacitor and FET component details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com