Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 333 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 333 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 331Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 332Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 333Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 334Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 335Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 336Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 333 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
333
29.6 PCB LAYOUT
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. Poor regulation and instability can result.
Simple design rules can be implemented to negate these effects:
External input and output capacitors should be placed as close to the device as possible using short
wide traces between the external power components.
Route output voltage feedback on an inner plane away from inductor and LX nodes to minimise noise
and magnetic interference.
Use a local ground island for each individual converter connected at a single point onto a fully
flooded ground plane.
Current loop areas should be kept as small as possible with loop areas changing little during
alternating switching cycles.
Studying the layout below shows, for example, DCDC1 layout with external components C16, L3,
C17. The input capacitor, C16, is close into the IC and shares a small ground island with C17 the
output capacitor. The inductor, L3, is then situated in close proximity to C17 to keep loop area small
and current flowing in the same direction during alternating switching cycles. Note also the use of
short wide traces with all power tracking on a single (top) layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com