Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 334 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 334 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 331Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 332Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 333Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 334Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 335Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 336Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 334 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
334
30 PACKAGE DIAGRAM
DM040.B
B: 129 BALL BGA PLASTIC PACKAGE 7 X 7 X 0.94 mm BODY, 0.50 mm BALL PITCH
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’.
3. DIMENSION ‘b’ IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM -Z-.
4. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
5. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
6. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
8. FALLS WITHIN JEDEC, MO-195
A1
0.28
0.24
0.2
b
D
D1
E
E1
e
0.35
0.25
7.00 BSC
6.00 BSC
0.50 BSC
7.00 BSC
6.00 BSC
0.30
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.83
0.94
1.05
A2
0.63
0.70
0.77
0.10
aaa
bbb
ccc
0.08
0.15
Tolerances of Form and Position
ddd
0.05
6
3
Y
Z
ccc
X
DETAIL 1
SOLDER BALL
b
Z
ddd
DETAIL 2
A1
Z
aaa
Z
bbb
Z
1
A1
CORNER
TOP VIEW
E
Z
0.10
2 X
D
5
4
DETAIL 2
A
A2
2
Z
0.10
2 X
DETAIL 1
e
BOTTOM VIEW
6
1
98765
4
3
2
10
11
12
13
A
D
C
B
J
H
G
F
E
K
L
M
N
e
E1
D1
SIDE VIEW
REF:
JEDEC, MO-195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com