Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 331 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 331 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 331Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 332Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 333Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 334Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 335Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
331
29.4.3
DC-DC (STEP-UP) CONVERTERS - USB MODE
USB mode is selected by setting DCn_FBSRC[1:0] = 11 as described in Section 14.6.4. This mode
generates a 5V output, suitable for USB interfaces. The recommended connections to the DC-DC
(Step-Up) Converters in this mode are illustrated in Figure 91.
Figure 91 DC-DC (Step-Up) Converters External Components - USB Mode
In the USB mode, the DC-DC (Step-Up) Converters use an internal resistor chain to control the
output voltage. This results in a fixed 5V output, suitable for USB interfaces.
The DC-DC (Step-Up) Converters may be configured as USB OTG supplement by setting
USB_MSTR = 1 as described in Section 17.4. (The DC-DC Converters USB mode must also be
selected by setting DCn_FBSRC[1:0] = 11). The output of the applicable DC-DC Converter should be
connected to the USB pin in order to provide voltage feedback.
The choice of Capacitors, Inductor and FET in constant current mode is the same as for the constant
voltage mode; see Section 29.4.4 for specific recommended component details.
29.4.4
DC-DC (STEP-UP) CONVERTERS RECOMMENDED COMPONENTS
Wolfson recommends the following external components for use with DC-DC Converters 2 and 5.
Note that the choice of output capacitor should be determined as described in Section 29.4.1.
COMPONENT
VALUE
PART NUMBER
SIZE
L
10
μH
Taiyo Yuden NR4012T100M (0.7A)
COUT
0.47
μF
Murata GRM21BR71E474KC01L
0805
4.7
μF
Murata GRM188R60J475KE19D
0603
10
μF
Murata GRM219R60J106KE19B
0805
CIN
4.7
μF
Murata GRM188R60J475KE19D
0603
FET
On Semiconductor NTHD4N02F
N-Channel FETKY
Table 159 Recommended External Components - DC-DC2 and DC-DC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com