Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 31Page - Analog Devices ADE7953 Datasheet HTML 32Page - Analog Devices ADE7953 Datasheet HTML 33Page - Analog Devices ADE7953 Datasheet HTML 34Page - Analog Devices ADE7953 Datasheet HTML 35Page - Analog Devices ADE7953 Datasheet HTML 36Page - Analog Devices ADE7953 Datasheet HTML 37Page - Analog Devices ADE7953 Datasheet HTML 38Page - Analog Devices ADE7953 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 35 of 68
OFFSET CALIBRATION
Power Offsets
The ADE7953 includes offset calibration registers for the active,
reactive, and apparent powers on Current Channel A and Current
Channel B. Offsets can exist in the power calculations due to
crosstalk between channels on the PCB and in the ADE7953.
The offset calibration allows these offsets to be removed to
increase the accuracy of the measurement at low input levels.
The active power offset can be corrected on Current Channel A
and Current Channel B by adjusting the AWATTOS (Address
0x289 and Address 0x389) and BWATTOS (Address 0x295 and
Address 0x395) registers, respectively. The xWATTOS registers
are 24-bit, signed twos complement registers with default
values of 0. One LSB in the xWATTOS register is equivalent
to 0.001953 LSBs in the active power measurement. The
xWATTOS value is, therefore, applied to the xWATT register,
shifted by nine bits, as shown in Figure 58.
23
9
0
xWATTOS
23
0
xWATT
Figure 58. xWATTOS and xWATT Registers
With full-scale inputs on the voltage and current channels, the
expected power reading is approximately 4862401 LSBs (deci-
mal). At −60 dB (1000:1) on Current Channel A and Current
Channel B, the expected readings in the AWATT and BWATT
registers, respectively, are approximately 4862 (decimal). One
LSB of the xWATT register, therefore, corresponds to
0.000039% at −60 dB.
The reactive power offset can be corrected on Current Channel A
and Current Channel B by adjusting the AVAROS (Address
0x28A and Address 0x38A) and BVAROS (Address 0x296 and
Address 0x396) registers, respectively. The xVAROS registers
affect the reactive power in the same way that the xWATTOS
registers affect the active power.
The apparent power offset can be corrected on Current
Channel A and Current Channel B by adjusting the AVAOS
(Address 0x28B and Address 0x38B) and BVAOS (Address 0x297
and Address 0x397) registers, respectively. The xVAOS registers
affect the apparent power in the same way that the xWATTOS
registers affect the active power.
RMS Offsets
The ADE7953 includes offset calibration registers to allow
offset in the rms measurements to be corrected. Offset cali-
bration registers are available for the IRMS measurements on
Current Channel A and Current Channel B, as well as for the
VRMS measurement. Offset can exist in the rms calculation due
to input noise that is integrated in the dc component of V2(t).
The offset calibration allows these offsets to be removed to
increase the accuracy of the measurement at low input levels.
The voltage rms offset can be corrected by adjusting the VRMSOS
register (Address 0x288 and Address 0x388). This 24-bit, signed
twos complement register has a default value of 0, indicating
that no offset is added. The VRMSOS value is applied prior to
the square root function. Equation 33 shows the effect of the
VRMSOS register on the VRMS measurement.
12
2
2
VRMSOS
VRMS
VRMS
0
×
+
=
(33)
where VRMS0 is the initial VRMS reading prior to offset
calibration.
The current rms offset is calibrated in a similar way. The AIRMSOS
register (Address 0x286 and Address 0x386) compensates for
offsets in the IRMSA measurement, and the BIRMSOS register
(Address 0x292 and Address 0x392) compensates for offsets in
the IRMSB measurement. Both registers are 24-bit, signed twos
complement registers. The xIRMSOS registers affect the IRMS
measurements in the same way that the VRMSOS register
affects the VRMS measurement. Equation 33 can therefore be
modified to represent the offset calibration on the IRMS, as
shown in Equation 34 and Equation 35.
12
2
2
AIRMSOS
IRMSA
IRMSA
0
×
+
=
(34)
12
2
2
BIRMSOS
IRMSB
IRMSB
0
×
+
=
(35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com