Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 47Page - Analog Devices ADE7953 Datasheet HTML 48Page - Analog Devices ADE7953 Datasheet HTML 49Page - Analog Devices ADE7953 Datasheet HTML 50Page - Analog Devices ADE7953 Datasheet HTML 51Page - Analog Devices ADE7953 Datasheet HTML 52Page - Analog Devices ADE7953 Datasheet HTML 53Page - Analog Devices ADE7953 Datasheet HTML 54Page - Analog Devices ADE7953 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 51 of 68
COMMUNICATING WITH THE ADE7953
All ADE7953 features can be accessed via a group of on-chip
registers. For a detailed list of all the registers, see the ADE7953
Registers section. Three different communication interfaces can
be used to access the on-chip registers.
•
4-pin SPI interface
•
2-pin bidirectional I2C interface
•
2-pin UART interface
All three communication options use the same group of pins
and, therefore, only one method of communication should be
used in each design.
COMMUNICATION AUTODETECTION
The ADE7953 contains a detection system that automatically
detects which of the three communication interfaces is being
used. This feature allows communication to be quickly estab-
lished with minimal initialization. Autodetection works by
monitoring the status of the four communication pins and
automatically selecting the communication interface that
matches the configuration (see Table 9).
•
The CS pin (Pin 28) is used to determine whether the
communication method is SPI. If this pin is held low, the
communication interface is set to SPI.
•
The SCLK pin (Pin 25) is used to determine whether the
communication method is I2C or UART. If this pin is held
high, the communication interface is set to I2C; if it is held
low, the communication interface is set to UART.
Therefore, although Pin 25 (SCLK) and Pin 28 (CS) are not
required if communicating via I2C or UART, these pins should
be configured in hardware as shown in Table 9 to ensure the
functionality of the autodetection system.
LOCKING THE COMMUNICATION INTERFACE
After the selected communication interface is established, the
interface should be locked to prevent the communication
method from inadvertently changing. The ADE7953 can be
configured to lock automatically after the first successful
communication.
The automatic lock feature is disabled by default and is enabled
by clearing the COMM_LOCK bit (Bit 15) in the CONFIG
register (Address 0x102). To successfully establish and lock the
communication interface, a write should be issued shortly after
power-up to the CONFIG register, clearing the COMM_LOCK
bit and thus locking the communication interface. When the
communication interface is locked to a specific method (that is,
SPI, I2C, or UART), the communication method cannot be
changed without resetting the ADE7953.
Note that if using the SPI communication interface to lock
the communication mode, the CS pin must be held low for a
minimum of 1.2 μs after the last SCLK. This delay is required
only when writing to the COMM_LOCK bit (see the SPI
Interface Timing section).
Table 9. Communication Autodetection
Communication Interface
Pin 28 (CS)
Pin 25 (SCLK)
Pin 27 (MOSI/SCL/Rx)
Pin 26 (MISO/SDA/Tx)
SPI
0
Don’t care
MOSI
MISO
I2C
1
1
SCL
SDA
UART
1
0
Rx
Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com