Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 10Page - Analog Devices ADE7953 Datasheet HTML 11Page - Analog Devices ADE7953 Datasheet HTML 12Page - Analog Devices ADE7953 Datasheet HTML 13Page - Analog Devices ADE7953 Datasheet HTML 14Page - Analog Devices ADE7953 Datasheet HTML 15Page - Analog Devices ADE7953 Datasheet HTML 16Page - Analog Devices ADE7953 Datasheet HTML 17Page - Analog Devices ADE7953 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 14 of 68
– 1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
45
50
55
FREQUENCY (Hz)
60
65
PF = +0.866
PF = –0.866
PF = 0
Figure 23. Current Channel B Reactive Energy Error as a Percentage of Reading
(Gain = 1, Temperature = 25°C) over Frequency and Power Factor
with Internal Reference, Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CURRENT CHANNE L (% FULL SCALE)
0.1
1
10
100
Figure 24. Current Channel B IRMS Error as a Percentage of Reading
(Gain = 1, Temperature = 25°C, Power Factor = 1)
with Internal Reference, Integrator Off
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VOLTAGE CHANNEL (% FULL SCALE)
0.1
1
10
100
Figure 25. VRMS Error as a Percentage of Reading (Temperature = 25°C,
Power Factor = 1) with Internal Reference, Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CURRENT CHANNEL (% FULL SCALE)
+25°C
–40°C
+85°C
0.01
0.1
1
10
100
Figure 26. Current Channel A Active Energy Error as a Percentage of Reading
(Gain = 16, Power Factor = 1) over Temperature with Internal Reference,
Integrator On
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CURRENT CHANNEL (% FULL SCALE)
PF = –0.5
PF = +1.0
PF = +0.5
0.01
0.1
1
10
100
Figure 27. Current Channel A Active Energy Error as a Percentage of Reading
(Gain = 16, Temperature = 25°C) over Power Factor with Internal Reference,
Integrator On
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CURRENT CHANNEL (% FULL SCALE)
+25°C
–40°C
+85°C
0.1
1
10
100
Figure 28. Current Channel B Active Energy Error as a Percentage of Reading
(Gain = 16, Power Factor = 1) over Temperature with Internal Reference,
Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com