Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 13Page - Analog Devices ADE7953 Datasheet HTML 14Page - Analog Devices ADE7953 Datasheet HTML 15Page - Analog Devices ADE7953 Datasheet HTML 16Page - Analog Devices ADE7953 Datasheet HTML 17Page - Analog Devices ADE7953 Datasheet HTML 18Page - Analog Devices ADE7953 Datasheet HTML 19Page - Analog Devices ADE7953 Datasheet HTML 20Page - Analog Devices ADE7953 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 17 of 68
TERMINOLOGY
Measurement Error
ADC Offset Error
The error associated with the energy measurement made by the
ADE7953 is defined by
=
Error
t
Measuremen
(1)
The ADC offset error refers to the dc offset associated with the
analog inputs to the ADCs. It means that, with the analog inputs
connected to AGND, the ADCs still see a dc analog input signal.
The magnitude of the offset depends on the gain and input range
selection. However, the offset is removed from the current and
voltage channels by a high-pass filter (HPF), and the power
calculation is not affected by this offset.
%
100
×
Energy
True
Energy
True
ADE7953
by
Registered
Energy
Phase Error Between Channels
The high-pass filter (HPF) and digital integrator introduce a
slight phase mismatch between the current channels and the
voltage channel. The all-digital design ensures that the phase
matching between the current channels and the voltage channel
is within ±0.05° over a range of 45 Hz to 65 Hz. This internal
phase mismatch can be combined with the external phase error
(from current sensor or component tolerance) and calibrated
with the phase calibration registers.
Gain Error
The gain error in the ADCs of the ADE7953 is defined as the
per-channel difference between the measured ADC output code
(minus the offset) and the ideal output code (see the Current
Channel ADCS section and the Voltage Channel ADC section).
The difference is expressed as a percentage of the ideal code.
Power Supply Rejection (PSR)
PSR quantifies the ADE7953 measurement error as a percentage
of reading when the power supplies are varied. For the ac PSR
measurement, a reading at nominal supplies (3.3 V) is taken. A
second reading is obtained with the same input signal levels when
an ac signal (120 mV rms/100 Hz) is introduced onto the supplies.
Any error introduced by this ac signal is expressed as a percentage
of reading (see the Measurement Error definition). For the dc PSR
measurement, a reading at nominal supplies (3.3 V) is taken. A
second reading is obtained with the same input signal levels when
the power supplies are varied by ±10%. Any error introduced is
again expressed as a percentage of reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com