Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 60 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 56Page - Analog Devices ADE7953 Datasheet HTML 57Page - Analog Devices ADE7953 Datasheet HTML 58Page - Analog Devices ADE7953 Datasheet HTML 59Page - Analog Devices ADE7953 Datasheet HTML 60Page - Analog Devices ADE7953 Datasheet HTML 61Page - Analog Devices ADE7953 Datasheet HTML 62Page - Analog Devices ADE7953 Datasheet HTML 63Page - Analog Devices ADE7953 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 60 of 68
ADE7953 REGISTERS
The ADE7953 contains registers that are 8, 16, 24, and 32 bits long. All signed registers are in the twos complement format with the
exception of the PHCALA and PHCALB registers, which are in sign magnitude format. The 24-bit and 32-bit registers contain the same
data but can be accessed in two different register lengths. The 24-bit register option increases communication speed; the 32-bit register
option provides simplicity when coding with the long format. When accessing the 32-bit registers, only the lower 24 bits contain valid
data (the upper 8 bits are sign extended). A write to a 24-bit register changes the value in the corresponding 32-bit register, and vice versa.
Therefore, each 24-bit/32-bit register can be thought of as one memory location that can be accessed via two different paths.
Table 13. 8-Bit Registers
Address
Register Name
R/W
Default
Type
Register Description
0x000
SAGCYC
R/W
0x00
Unsigned
Sag line cycles
0x001
DISNOLOAD
R/W
0x00
Unsigned
No-load detection disable
0x004
LCYCMODE
R/W
0x40
Unsigned
Line cycle accumulation mode configuration
0x007
PGA_V
R/W
0x00
Unsigned
Voltage channel gain configuration (Bits[2:0])
0x008
PGA_IA
R/W
0x00
Unsigned
Current Channel A gain configuration (Bits[2:0])
0x009
PGA_IB
R/W
0x00
Unsigned
Current Channel B gain configuration (Bits[2:0])
0x040
WRITE_PROTECT
R/W
0x00
Unsigned
Write protection bits (Bits[2:0])
0x0FD
LAST_OP
R
0x00
Unsigned
Contains the type (read or write) of the last successful communication (0x35 =
read; 0xCA = write)
0x0FF
LAST_RWDATA
R
0x00
Unsigned
Contains the data from the last successful 8-bit register communication
0x702
Version
R
N/A
Unsigned
Contains the silicon version number
0x800
EX_REF
R/W
0x00
Unsigned
Reference input configuration: set to 0 for internal; set to 1 for external
Table 14. 16-Bit Registers
Address
Register Name
R/W
Default
Type
Register Description
0x100
ZXTOUT
R/W
0xFFFF
Unsigned Zero-crossing timeout
0x101
LINECYC
R/W
0x0000
Unsigned Number of half line cycles for line cycle energy accumulation mode
0x102
CONFIG
R/W
0x8004
Unsigned Configuration register
0x103
CF1DEN
R/W
0x003F
Unsigned CF1 frequency divider denominator. When modifying this register, two
sequential write operations must be performed to ensure that the write is
successful.
0x104
CF2DEN
R/W
0x003F
Unsigned CF2 frequency divider denominator. When modifying this register, two
sequential write operations must be performed to ensure that the write is
successful.
0x107
CFMODE
R/W
0x0300
Unsigned CF output selection
0x108
PHCALA
R/W
0x0000
Signed
Phase calibration register (Current Channel A). This register is in sign
magnitude format.
0x109
PHCALB
R/W
0x0000
Signed
Phase calibration register (Current Channel B). This register is in sign
magnitude format.
0x10A
PFA
R
0x0000
Signed
Power factor (Current Channel A)
0x10B
PFB
R
0x0000
Signed
Power factor (Current Channel B)
0x10C
ANGLE_A
R
0x0000
Signed
Angle between the voltage input and the Current Channel A input
0x10D
ANGLE_B
R
0x0000
Signed
Angle between the voltage input and the Current Channel B input
0x10E
Period
R
0x0000
Unsigned Period register
0x110
ALT_OUTPUT
R/W
0x0000
Unsigned Alternative output functions
0x1FE
LAST_ADD
R
0x0000
Unsigned Contains the address of the last successful communication
0x1FF
LAST_RWDATA
R
0x0000
Unsigned Contains the data from the last successful 16-bit register communication
0x120
Reserved
R/W
0x0000
Unsigned This register should be set to 30h to meet the performance specified in
Table 1. To modify this register, it must be unlocked by setting Register
Address 0xFE to 0xAD immediately prior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com