Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 60Page - Analog Devices ADE7953 Datasheet HTML 61Page - Analog Devices ADE7953 Datasheet HTML 62Page - Analog Devices ADE7953 Datasheet HTML 63Page - Analog Devices ADE7953 Datasheet HTML 64Page - Analog Devices ADE7953 Datasheet HTML 65Page - Analog Devices ADE7953 Datasheet HTML 66Page - Analog Devices ADE7953 Datasheet HTML 67Page - Analog Devices ADE7953 Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 64 of 68
Table 20. ALT_OUTPUT Register (Address 0x110)
Bits
Bit Name
Default
Description
[3:0]
ZX_ALT
0000
Configuration of ZX pin (Pin 1)
Setting
ZX Pin Configuration
0000
ZX detection is output on Pin 1 (default)
0001
Sag detection is output on Pin 1
0010
Reserved
0011
Reserved
0100
Reserved
0101
Active power no-load detection (Current Channel A) is output on Pin 1
0110
Active power no-load detection (Current Channel B) is output on Pin 1
0111
Reactive power no-load detection (Current Channel A) is output on Pin 1
1000
Reactive power no-load detection (Current Channel B) is output on Pin 1
1001
Unlatched waveform sampling signal is output on Pin 1
1010
IRQ signal is output on Pin 1
1011
ZX_I detection is output on Pin 1
1100
REVP detection is output on Pin 1
1101
Reserved (set to default value)
111x
Reserved (set to default value)
[7:4]
ZXI_ALT
0000
Configuration of ZX_I pin (Pin 21)
Setting
ZX_I Pin Configuration
0000
ZX_I detection is output on Pin 21 (default)
0001
Sag detection is output on Pin 21
0010
Reserved
0011
Reserved
0100
Reserved
0101
Active power no-load detection (Current Channel A) is output on Pin 21
0110
Active power no-load detection (Current Channel B) is output on Pin 21
0111
Reactive power no-load detection (Current Channel A) is output on Pin 21
1000
Reactive power no-load detection (Current Channel B) is output on Pin 21
1001
Unlatched waveform sampling signal is output on Pin 21
1010
IRQ signal is output on Pin 21
1011
ZX detection is output on Pin 21
1100
REVP detection is output on Pin 21
1101
Reserved (set to default value)
111x
Reserved (set to default value)
[11:8]
REVP_ALT
0000
Configuration of REVP pin (Pin 20)
Setting
REVP Pin Configuration
0000
REVP detection is output on Pin 20 (default)
0001
Sag detection is output on Pin 20
0010
Reserved
0011
Reserved
0100
Reserved
0101
Active power no-load detection (Current Channel A) is output on Pin 20
0110
Active power no-load detection (Current Channel B) is output on Pin 20
0111
Reactive power no-load detection (Current Channel A) is output on Pin 20
1000
Reactive power no-load detection (Current Channel B) is output on Pin 20
1001
Unlatched waveform sampling signal is output on Pin 20
1010
IRQ signal is output on Pin 20
1011
ZX detection is output on Pin 20
1100
ZX_I detection is output on Pin 20
1101
Reserved (set to default value)
111x
Reserved (set to default value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com