Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 19Page - Analog Devices ADE7953 Datasheet HTML 20Page - Analog Devices ADE7953 Datasheet HTML 21Page - Analog Devices ADE7953 Datasheet HTML 22Page - Analog Devices ADE7953 Datasheet HTML 23Page - Analog Devices ADE7953 Datasheet HTML 24Page - Analog Devices ADE7953 Datasheet HTML 25Page - Analog Devices ADE7953 Datasheet HTML 26Page - Analog Devices ADE7953 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 23 of 68
ROOT MEAN SQUARE MEASUREMENT
Root mean square (rms) is a measurement of the magnitude
of an ac signal. Specifically, the rms of an ac signal is equal to
the amount of dc required to produce an equivalent amount
of power in the load. The rms is expressed mathematically in
Equation 1.
=
t
2
dt
t
f
t
RMS
0
)
(
1
(1)
For time-sampled signals, rms calculation involves squaring
the signal, taking the average, and obtaining the square root.
=
=
N
n
n
f
N
RMS
1
2
]
[
1
(2)
As implied by Equation 2, the rms measurement contains
information from the fundamental and all harmonics over
a 1.23 kHz measurement bandwidth.
The ADE7953 provide rms measurements for Current
Channel A, Current Channel B, and the voltage channel
simultaneously. These measurements have a settling time of
approximately 200 ms and are updated at a rate of 6.99 kHz.
CURRENT CHANNEL RMS CALCULATION
The ADE7953 provides rms measurements for both Current
Channel A and Current Channel B. Figure 42 shows the signal
path for this calculation. The signal processing is identical for
Current Channel A and Current Channel B.
CURRENT
SIGNAL
FROM HPF OR
INTEGRATOR
(IF ENABLED)
LPF
X2
212
×IRMSOS[23:0]
IRMSx[23:0]
Figure 42. Current Channel RMS Signal Processing
As shown in Figure 42, the current channel ADC output samples
are used to continually compute the rms. The rms is achieved by
low-pass filtering the square of the output signal and then taking
a square root of the result. The 24-bit unsigned rms measurements
for Current Channel A and Current Channel B are available in
the IRMSA (Address 0x21A and Address 0x31A) and IRMSB
(Address 0x21B and Address 0x31B) registers, respectively. Both
of these registers are updated at a rate of 6.99 kHz. With full-
scale inputs on Current Channel A and Current Channel B,
the expected reading on the IRMSA and IRMSB register is
9032007d.
Because the LPF used in the rms signal path is not ideal, it is
recommended that the IRMSx registers be read synchronously
to the zero-crossing signal (see the Zero-Crossing Detection
section). This helps to stabilize reading-to-reading variation
by removing the effect of any 2ω ripple present on the rms
measurement.
VOLTAGE CHANNEL RMS CALCULATION
The ADE7953 provides an rms measurement on the voltage
channel. Figure 43 shows the signal path for this calculation.
VOLTAGE
SIGNAL
FROM HPF
LPF
X2
212
VRMSOS[23:0]
VRMS[23:0]
Figure 43. Voltage Channel RMS Signal Processing
As shown in Figure 43, the voltage channel ADC output
samples are used to continually compute the rms. The rms is
achieved by low-pass filtering the square of the output signal
and then taking a square root of the result. The 24-bit unsigned
voltage channel rms measurement is available in the VRMS
register (Address 0x21C and Address 0x31C). This register is
updated at a rate of 6.99 kHz. With full-scale inputs on the
voltage channel, a VRMS reading of 9032007d can be expected.
Because the LPF used in the rms signal path is not ideal, it is
recommended that the VRMS register be read synchronously to
the zero-crossing signal (see the Zero-Crossing Detection section).
This helps to stabilize reading-to-reading variation by removing
the effect of any 2ω ripple present on the rms measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com