Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 61 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 57Page - Analog Devices ADE7953 Datasheet HTML 58Page - Analog Devices ADE7953 Datasheet HTML 59Page - Analog Devices ADE7953 Datasheet HTML 60Page - Analog Devices ADE7953 Datasheet HTML 61Page - Analog Devices ADE7953 Datasheet HTML 62Page - Analog Devices ADE7953 Datasheet HTML 63Page - Analog Devices ADE7953 Datasheet HTML 64Page - Analog Devices ADE7953 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 61 of 68
Table 15. 24-Bit/32-Bit Registers
Address
24-Bit
32-Bit
Register Name
R/W
Default
Type
Register Description
0x200
0x300
SAGLVL
R/W
0x000000
Unsigned
Sag voltage level
0x201
0x301
ACCMODE
R/W
0x000000
Unsigned
Accumulation mode
0x203
0x303
AP_NOLOAD
R/W
0x00E419
Unsigned
Active power no-load level
0x204
0x304
VAR_NOLOAD
R/W
0x00E419
Unsigned
Reactive power no-load level
0x205
0x305
VA_NOLOAD
R/W
0x000000
Unsigned
Apparent power no-load level
0x210
0x310
AVA
R
0x000000
Signed
Instantaneous apparent power (Current Channel A)
0x211
0x311
BVA
R
0x000000
Signed
Instantaneous apparent power (Current Channel B)
0x212
0x312
AWATT
R
0x000000
Signed
Instantaneous active power (Current Channel A)
0x213
0x313
BWATT
R
0x000000
Signed
Instantaneous active power (Current Channel B)
0x214
0x314
AVAR
R
0x000000
Signed
Instantaneous reactive power (Current Channel A)
0x215
0x315
BVAR
R
0x000000
Signed
Instantaneous reactive power (Current Channel B)
0x216
0x316
IA
R
0x000000
Signed
Instantaneous current (Current Channel A)
0x217
0x317
IB
R
0x000000
Signed
Instantaneous current (Current Channel B)
0x218
0x318
V
R
0x000000
Signed
Instantaneous voltage (voltage channel)
0x21A
0x31A
IRMSA
R
0x000000
Unsigned
IRMS register (Current Channel A)
0x21B
0x31B
IRMSB
R
0x000000
Unsigned
IRMS register (Current Channel B)
0x21C
0x31C
VRMS
R
0x000000
Unsigned
VRMS register
0x21E
0x31E
AENERGYA
R
0x000000
Signed
Active energy (Current Channel A)
0x21F
0x31F
AENERGYB
R
0x000000
Signed
Active energy (Current Channel B)
0x220
0x320
RENERGYA
R
0x000000
Signed
Reactive energy (Current Channel A)
0x221
0x321
RENERGYB
R
0x000000
Signed
Reactive energy (Current Channel B)
0x222
0x322
APENERGYA
R
0x000000
Signed
Apparent energy (Current Channel A)
0x223
0x323
APENERGYB
R
0x000000
Signed
Apparent energy (Current Channel B)
0x224
0x324
OVLVL
R/W
0xFFFFFF
Unsigned
Overvoltage level
0x225
0x325
OILVL
R/W
0xFFFFFF
Unsigned
Overcurrent level
0x226
0x326
VPEAK
R
0x000000
Unsigned
Voltage channel peak
0x227
0x327
RSTVPEAK
R
0x000000
Unsigned
Read voltage peak with reset
0x228
0x328
IAPEAK
R
0x000000
Unsigned
Current Channel A peak
0x229
0x329
RSTIAPEAK
R
0x000000
Unsigned
Read Current Channel A peak with reset
0x22A
0x32A
IBPEAK
R
0x000000
Unsigned
Current Channel B peak
0x22B
0x32B
RSTIBPEAK
R
0x000000
Unsigned
Read Current Channel B peak with reset
0x22C
0x32C
IRQENA
R/W
0x100000
Unsigned
Interrupt enable (Current Channel A)
0x22D
0x32D
IRQSTATA
R
0x000000
Unsigned
Interrupt status (Current Channel A)
0x22E
0x32E
RSTIRQSTATA
R
0x000000
Unsigned
Reset interrupt status (Current Channel A)
0x22F
0x32F
IRQENB
R/W
0x000000
Unsigned
Interrupt enable (Current Channel B)
0x230
0x330
IRQSTATB
R
0x000000
Unsigned
Interrupt status (Current Channel B)
0x231
0x331
RSTIRQSTATB
R
0x000000
Unsigned
Reset interrupt status (Current Channel B)
N/A
0x37F
CRC
R
0xFFFFFFFF
Unsigned
Checksum
0x280
0x380
AIGAIN
R/W
0x400000
Unsigned
Current channel gain (Current Channel A)
0x281
0x381
VGAIN
R/W
0x400000
Unsigned
Voltage channel gain
0x282
0x382
AWGAIN
R/W
0x400000
Unsigned
Active power gain (Current Channel A)
0x283
0x383
AVARGAIN
R/W
0x400000
Unsigned
Reactive power gain (Current Channel A)
0x284
0x384
AVAGAIN
R/W
0x400000
Unsigned
Apparent power gain (Current Channel A)
0x285
0x385
Reserved
R/W
0x000000
Signed
This register should not be modified.
0x286
0x386
AIRMSOS
R/W
0x000000
Signed
IRMS offset (Current Channel A)
0x287
0x387
Reserved
R/W
0x000000
Signed
This register should not be modified.
0x288
0x388
VRMSOS
R/W
0x000000
Signed
VRMS offset
0x289
0x389
AWATTOS
R/W
0x000000
Signed
Active power offset correction (Current Channel A)
0x28A
0x38A
AVAROS
R/W
0x000000
Signed
Reactive power offset correction (Current Channel A)
0x28B
0x38B
AVAOS
R/W
0x000000
Signed
Apparent power offset correction (Current Channel A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com