Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 3Page - Analog Devices ADE7953 Datasheet HTML 4Page - Analog Devices ADE7953 Datasheet HTML 5Page - Analog Devices ADE7953 Datasheet HTML 6Page - Analog Devices ADE7953 Datasheet HTML 7Page - Analog Devices ADE7953 Datasheet HTML 8Page - Analog Devices ADE7953 Datasheet HTML 9Page - Analog Devices ADE7953 Datasheet HTML 10Page - Analog Devices ADE7953 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 7 of 68
I2C Interface Timing
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 3.58 MHz, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 3.
Standard Mode
Fast Mode
Parameter
Description
Min1
Max1
Min1
Max1
Unit
fSCL
SCL clock frequency
0
100
0
400
kHz
tHD;STA
Hold time for a start or repeated start condition
4.0
0.6
μs
tLOW
Low period of SCL clock
4.7
1.3
μs
tHIGH
High period of SCL clock
4.0
0.6
μs
tSU;STA
Setup time for a repeated start condition
4.7
0.6
μs
tHD;DAT
Data hold time
0
3.45
0
0.9
μs
tSU;DAT
Data setup time
250
100
ns
tR
Rise time of SDA and SCL signals
1000
20
300
ns
tF
Fall time of SDA and SCL signals
300
20
300
ns
tSU;STO
Setup time for stop condition
4.0
0.6
μs
tBUF
Bus-free time between a stop and start condition
4.7
1.3
μs
tSP
Pulse width of suppressed spikes
N/A
50
ns
1 Min and max values are typical minimum and maximum values.
I2C Interface Timing Diagram
tF
tR
tHD;DAT
tHD;STA
tHIGH
tSU;STA
tSU;DAT
tF
tHD;STA
tSP
tSU;STO
tR
tBUF
tLOW
SDA
SCL
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
Figure 3. I2C Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com