Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 51Page - Analog Devices ADE7953 Datasheet HTML 52Page - Analog Devices ADE7953 Datasheet HTML 53Page - Analog Devices ADE7953 Datasheet HTML 54Page - Analog Devices ADE7953 Datasheet HTML 55Page - Analog Devices ADE7953 Datasheet HTML 56Page - Analog Devices ADE7953 Datasheet HTML 57Page - Analog Devices ADE7953 Datasheet HTML 58Page - Analog Devices ADE7953 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 55 of 68
UART INTERFACE
The ADE7953 provides a simple universal asynchronous
receiver/transmitter (UART) interface that allows all the functions
of the ADE7953 to be accessed using only two single-direction
pins. The UART interface allows an isolated communication
interface to be achieved using only two low cost opto-isolators.
The UART interface operates at a fixed baud rate of 4800 bps
and is therefore suitable for low speed designs.
The UART interface on the ADE7953 is accessed via the Tx pin
(Pin 26), which transmits data from the ADE7953, and the Rx
pin (Pin 27), which receives data from the microcontroller. A
simple master/slave topology is implemented on the UART inter-
face with the ADE7953 acting as the slave. All communication
is initiated by the sending of a valid frame by the master (the
microcontroller) to the slave (the ADE7953). The format of the
frame is shown in Figure 72.
As shown in Figure 72, each frame consists of 10 bits. Each bit is
sent at a bit rate of 4800 bps, resulting in a frame time of 2.08 ms
((1/4800) × 10). A wait period of 6 ms should be added from
when the UART communication mode is established using the
CS and SCLK pins to when the first frame is sent. A minimum
wait of 0.2 ms should be included between frames. All frame
data is sent LSB first.
Communication via the UART interface is initiated by the
master sending a packet of three frames (see Table 10).
Table 10. Frames in the UART Packet
Frame
Function
F1
Read/write
F2
Address MSB
F3
Address LSB
F1 determines whether the communication is a read or a write
operation, and the following two frames (F2 and F3) select the
register that is to be accessed. Each frame consists of eight data
bits, as shown in Figure 72. A read is issued by writing the value
0x35 to F1, and a write is issued by writing the value 0xCA to
F1. Any other value is interpreted as invalid and results in an
unsuccessful communication with the ADE7953. The address
bytes are sent MSB first; therefore, F2 contains the most
significant portion of the address, and F3 contains the least
significant portion of the address. The bits within each address
frame are sent LSB first.
The ADE7953 UART interface uses two timeouts, t1 and t2, to
synchronize the communication and to prevent the communi-
cation from halting. The first timeout, t1, is the frame-to-frame
delay and is fixed at 4 ms max. The second timeout, t2, is the
packet-to-packet delay and is fixed at 6 ms min. These two
timeouts act as a reset for the UART function. More informa-
tion about how the timeouts are implemented is provided in
the UART Read section and the UART Write section.
Verification of a successful UART communication can be
achieved by implementing a write/read/verify sequence in the
microcontroller. Successful communications are also recorded
in the LAST_ADD, LAST_RWDATA, and LAST_OP registers,
as described in the Communication Verification section.
SCLK
CS
FRAME
Rx
t1
t2
t2 = PACKET DELAY: 6ms (MIN)
t1 = FRAME DELAY: 0.2ms (MIN), 4ms (MAX)
Figure 72. UART Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com